Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0180TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0180TR
Description  GaAs SPDT Terminated Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0180TR Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0180TR Datasheet HTML 1Page - Tyco Electronics MASWSS0180TR Datasheet HTML 2Page - Tyco Electronics MASWSS0180TR Datasheet HTML 3Page - Tyco Electronics MASWSS0180TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Terminated Switch
DC - 2.5 GHz
Rev. V2
MASWSS0180
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
5
Max.
Insertion Loss
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
—
—
0.55
0.60
0.65
—
0.7
—
Isolation
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
36
—
50
43
35
—
—
—
VSWR On/Off
DC - 2.0 GHz
Ratio
—
1.1:1
—
Trise, Tfall
10% to 90% RF, 90% to 10 % RF
nS
—
10
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
—
20
—
Transients
In-Band
mV
—
25
—
1 dB Compression Point
Input Power
50 MHz @ 2.9V
1.0 GHz @ 2.9V
50 MHz @ 5.0V
1.0 GHz @ 5.0V
dBm
dBm
dBm
dBm
—
—
—
—
15
16
26
27
—
—
—
—
2nd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
50 MHz @ 2.9V
1.0 GHz @ 2.9V
50 MHz @ 5.0V
1.0 GHz @ 5.0V
dBm
dBm
dBm
dBm
—
—
—
—
46
52
63
82
—
—
—
—
3rd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
50 MHz @ 2.9V
1.0 GHz @ 2.9V
50 MHz @ 5.0V
1.0 GHz @ 5.0V
dBm
dBm
dBm
dBm
—
—
—
—
27
27
47
50
—
—
—
—
Control Current
⏐VC⏐ = 2.9 V
µA
—
15
35
5. Typical values represent performance at middle of frequency range noted.
6. 0 = 0 V ± 0.2 V, 1 = -2.9 V to -5.0 V
Electrical Specifications: TA = 25°C, VC = 0 V / -2.9 V, Z0 = 50 Ω
Truth Table
6
Control Inputs
V1
V2
RFC-RF1
RFC-RF2
1
0
ON
OFF
0
1
OFF
ON
Condition of Switch
RF Common to Each RF Port
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com