Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0180TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0180TR
Description  GaAs SPDT Terminated Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0180TR Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0180TR Datasheet HTML 1Page - Tyco Electronics MASWSS0180TR Datasheet HTML 2Page - Tyco Electronics MASWSS0180TR Datasheet HTML 3Page - Tyco Electronics MASWSS0180TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Terminated Switch
DC - 2.5 GHz
Rev. V2
MASWSS0180
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Very Low Power Consumption
• High Isolation: 30 dB up to 2 GHz
• Very High Intercept Point: 46 dBm IP3
• Nanosecond Switching Speed
• Temperature Range: -40°C to +85°C
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-338
Description
M/A-COM’s MASWSS0180 is a GaAs MMIC SPDT
terminated switch in a lead-free SOIC 8-lead surface
mount plastic package. The MASWSS0180 is ideally
suited for use where very low power consumption is
required.
Typical applications include transmit/receive switch-
ing, switch matrices, and filter banks in systems
such as radio and cellular equipment, PCM, GPS,
fiber optic modules, and other battery powered radio
equipment.
The MASWSS0180 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
V2
5
RF Port 1
2
RF Common
6
Ground
3
V1
7
Ground
4
Ground
8
RF Port 2
Part Number
Package
MASWSS0180
Bulk Packaging
MASWSS0180TR
1000 piece reel
MASWSS0180SMB
Sample Test Board
Absolute Maximum Ratings
3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < VC < + 5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Functional Schematic
V1
V2
Pin 1
RFC
GND
GND
GND
RF1
RF2
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information
1,2
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MASWSS0180TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180TR MACOM-MASWSS0180TR Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0180TR MA-COM-MASWSS0180TR Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0180TR MA-COM-MASWSS0180TR Datasheet
578Kb / 4P
GaAs SPDT Terminated Switch
More results

Similar Description - MASWSS0180TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-337 ETC-SW-337 Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS332 HW-HWS332 Datasheet
101Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com