Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2S-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PRT2S-C
Description  ELECTRICAL SOLUTIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  PRT2S-C Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
• For indoor use
• Extended release tab permits easy release and re-use where
changes are anticipated during development, production, or
servicing in the field
• One-piece construction for consistent performance and reliability
• Curved tip is easy to pick up from flat surfaces and allows faster
initial threading to speed installation
• UL Listed for use in plenum or air handling spaces per NEC
except PR2H/3H/4H
Pan-Ty ® Releasable Cable Ties – Nylon 6.6
Straight Tip
Curved Tip
• For indoor use
• Release tab permits easy release and re-use where changes are
anticipated during development, production, or servicing in the field
• Typically used for heavy duty applications
• Strongest Pan-Ty ® Cable Tie available
• Can be used with MCEH mounting clip
Pan-Ty ® Releasable Lashing Ties – Nylon 6.6
To release, grasp the head of the
cable tie, deflect release tab, and pull
the cable tie away from the bundle.
Part Number
Length
Width
Thickness
Max.
Bundle
Dia.
Min.
Loop
Tensile Str.
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
Standard Cross Section – Plenum-Rated
PRT1S-C
4.8
122
.190
4.8
.052
1.3
1.00
25
50
222
Hand install only
100
1000
PRT1.5S-C
6.3
160
.190
4.8
.052
1.3
1.50
38
50
222
100
1000
PRT2S-C
7.4
188
.190
4.8
.052
1.3
1.88
48
50
222
100
1000
PRT3S-C
11.5
292
.190
4.8
.052
1.3
3.00
76
50
222
100
1000
PRT4S-C
14.5
368
.190
4.8
.052
1.3
4.00
102
50
222
100
1000
Light-Heavy Cross Section (Straight Tip)
PRT2H-L
8.4
213
.300
7.6
.075
1.9
2.00
51
80
356
Hand install only
50
500
PRT3H-L
11.4
290
.300
7.6
.075
1.9
3.00
76
80
356
50
500
PRT4H-L
14.5
368
.300
7.6
.075
1.9
4.00
102
80
356
50
500
Part Number
Length
Width
Thickness
Max.
Bundle
Dia.
Min.
Loop
Tensile Str.
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
Extra-Heavy Cross Section
PRT2EH-C
9.0
229
.500
12.7
.075
1.9
2.00
51
250
1112
Hand install only
100
1000
PRT5EH-Q
20.1
511
.500
12.7
.075
1.9
5.00
127
250
1112
25
250
PRT6EH-Q
22.2
564
.500
12.7
.075
1.9
6.00
152
250
1112
25
250
PRT8EH-C
28.3
719
.500
12.7
.085
2.2
8.00
203
250
1112
100
1000
PRT10EH-C
34.2
869
.500
12.7
.085
2.2
10.00
254
250
1112
100
500
PRT12EH-C
40.1
1019
.500
12.7
.085
2.2
12.00
305
250
1112
100
500


Similar Part No. - PRT2S-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PRT2S-C PANDUIT-PRT2S-C Datasheet
4Mb / 192P
Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PRT2S-C PANDUIT-PRT2S-C Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
More results

Similar Description - PRT2S-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCA18-5 PANDUIT-PCA18-5 Datasheet
71Kb / 1P
Network and Electrical Solutions
PCM-77 PANDUIT-PCM-77 Datasheet
100Kb / 1P
Network and Electrical Solutions
WS75-25-C PANDUIT-WS75-25-C Datasheet
72Kb / 1P
ELECTRICAL SOLUTIONS
PCM-X4 PANDUIT-PCM-X4 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-52 PANDUIT-PCM-52 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-T1 PANDUIT-PCM-T1 Datasheet
100Kb / 1P
Network and Electrical Solutions
PCM-106 PANDUIT-PCM-106 Datasheet
100Kb / 1P
Network and Electrical Solutions
logo
Keysight Technologies
N1077A KEYSIGHT-N1077A Datasheet
1Mb / 19P
Electrical and Optical Clock Data Recovery Solutions
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
Industrial Electrical Solutions
PMNF-R PANDUIT-PMNF-R Datasheet
73Kb / 1P
ELECTRICAL SOLUTIONS
2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com