Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2048 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2048
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2048 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2048 Datasheet HTML 1Page - RF Micro Devices RF2048 Datasheet HTML 2Page - RF Micro Devices RF2048 Datasheet HTML 3Page - RF Micro Devices RF2048 Datasheet HTML 4Page - RF Micro Devices RF2048 Datasheet HTML 5Page - RF Micro Devices RF2048 Datasheet HTML 6Page - RF Micro Devices RF2048 Datasheet HTML 7Page - RF Micro Devices RF2048 Datasheet HTML 8Page - RF Micro Devices RF2048 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF2048
Rev A13 DS070403
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Input RF Power
+13
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, V
D =3.6 V, ICC =40mA
Frequency Range
DC to 8000
MHz
Gain
12.3
dB
Freq=100MHz
12.3
dB
Freq=1000MHz
10
12.4
dB
Freq=2000MHz
12.1
dB
Freq=3000MHz
11.6
Freq=4000MHz
11.5
Freq=6000MHz
11.1
Freq=8000MHz
Gain Flatness
±0.1
dB
100MHz to 2000MHz
Noise Figure
4.5
dB
Freq=2000MHz
Input VSWR
1.7:1
In a 50
Ω system, DC to 3000MHz
1.4:1
In a 50
Ω system, 3000MHz to 8000MHz
Output VSWR
1.5:1
In a 50
Ω system, DC to 3000MHz
1.7:1
In a 50
Ω system, 3000MHz to 8000MHz
Output IP
3
25.0
dBm
Freq=2000MHz±100kHz, P
TONE =-5dBm
Output P
1dB
11.1
dBm
Freq=2000MHz
Reverse Isolation
16.5
dB
Freq=2000MHz
Thermal
I
CC =40mA, PDISS = 137 mW (See Note 1.)
Theta
JC
273
°C/W
Maximum Measured Junction
Temperature at DC Bias Condi-
tions
122
°C
Mean Time To Failure (MTTF)
150,000
years
T
AMB =+85 °C
Power Supply
With 22
Ω bias resistor, T=+25°C
Operating Device Voltage
3.0
3.6
4.0
V
At pin 3 with I
CC =40mA
3.9
4.5
4.9
At evaluation board connector, ICC=40mA
Operating Current
40
mA
See Note 2.
NOTES:
Note 1: The RF2048 must be operated at or below 40mA in order to achieve the thermal performance stated above. Operating at 40mA will
ensure the best possible combination of reliability and electrical performance.
Note 2: Because of process variations from part to part, the current resulting from a fixed bias voltage will vary. As a result, caution should be
used in designing fixed voltage bias circuits to ensure the worst case bias current does not exceed 40mA over all intended operating condi-
tions.
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com