Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2048 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2048
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2048 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2048 Datasheet HTML 1Page - RF Micro Devices RF2048 Datasheet HTML 2Page - RF Micro Devices RF2048 Datasheet HTML 3Page - RF Micro Devices RF2048 Datasheet HTML 4Page - RF Micro Devices RF2048 Datasheet HTML 5Page - RF Micro Devices RF2048 Datasheet HTML 6Page - RF Micro Devices RF2048 Datasheet HTML 7Page - RF Micro Devices RF2048 Datasheet HTML 8Page - RF Micro Devices RF2048 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
13
2
4
RF OUT
RF OUT
RF IN
GND
GND
MARKING - C8
RF2048
GENERAL PURPOSE AMPLIFIER
The RF2048 is a general purpose, low cost RF amplifier IC. The device is
manufactured on an advanced Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process, and has been designed for use as an easily-cas-
cadable 50
Ω gain block. Applications include IF and RF amplification in
wireless voice and data communication products operating in frequency
bands up to 8000MHz. The device is self-contained with 50
Ω input and
output impedances and requires only two external DC biasing elements to
operate as specified. With a goal of enhanced reliability, the extremely
small Micro-X ceramic package offers significantly lower thermal resis-
tance than similar size plastic packages.
Features
DC to 8000MHz Operation
Internally matched Input and
Output
12dB Small Signal Gain
+25dBm Output IP3
+12dBm Output Power
Single Positive Power Supply
Applications
Broadband, Low Noise Gain
Blocks
IF or RF Buffer Amplifiers
Driver Stage for Power Ampli-
fiers
Final PA for Low Power Appli-
cations
High Reliability Applications
Broadband Test Equipment
RF2048General Purpose Amplifier
RF2048
General Purpose Amplifier
RF2048PCBA-41X
Fully Assembled Evaluation Board
Rev A13 DS070403
NOT FOR NEW DESIGNS
RoHS Compliant & Pb-Free Product
Package Style: Micro-X Ceramic


Similar Part No. - RF2048

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2048 RFMD-RF2048 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2048PCBA RFMD-RF2048PCBA Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2048

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com