Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF090 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RUSBF090
Description  PolySwitch Resettable Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF090 Datasheet(HTML) 2 Page - Tyco Electronics

  RUSBF090 Datasheet HTML 1Page - Tyco Electronics RUSBF090 Datasheet HTML 2Page - Tyco Electronics RUSBF090 Datasheet HTML 3Page - Tyco Electronics RUSBF090 Datasheet HTML 4Page - Tyco Electronics RUSBF090 Datasheet HTML 5Page - Tyco Electronics RUSBF090 Datasheet HTML 6Page - Tyco Electronics RUSBF090 Datasheet HTML 7Page - Tyco Electronics RUSBF090 Datasheet HTML 8Page - Tyco Electronics RUSBF090 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
136
RoHS Compliant, ELV Compliant
12
Application Selection Guide for Radial-leaded Devices
Hold Current (A)
0.050
——
—
9.20
Ω
—
——
—
——
0.100
——
—
3.50
Ω
—
——
—
——
0.170
——
—
4.30
Ω
—
——
—
——
0.200
—
2.290
Ω
—
—
—
——
—
——
0.250
—
1.600
Ω
—
—
—
——
—
——
0.300
—
1.110
Ω
—
—
—
——
—
——
0.400
—
0.710
Ω
—
—
—
——
—
——
0.500
—
0.640
Ω
0.425
Ω
——
—
—
0.68
Ω
——
0.550
1.05
Ω
—
—
—
—
——
—
——
0.650
—
0.400
Ω
0.350
Ω
—
—
——
—
——
0.700
——
—
—
—
—
—
0.42
Ω
——
0.750
—
0.325
Ω
0.295
Ω
——
—
—
—
—
0.140
Ω
0.900
—
0.255
Ω
0.255
Ω
—
0.095
Ω
——
—
0.100
Ω
—
1.000
——
—
—
—
—
—
0.24
Ω
——
1.100
—
0.200
Ω
0.225
Ω
—
0.075
Ω
——
—
0.075
Ω
—
1.200
——
—
—
—
—
—
—
—
0.080
Ω
1.350
—
0.155
Ω
0.165
Ω
—
0.060
Ω
——
—
0.060
Ω
—
1.550
——
—
—
—
—
—
—
—
0.058
Ω
1.600
—
0.115
Ω
0.150
Ω
—
0.050
Ω
——
—
0.050
Ω
—
1.850
—
0.100
Ω
0.106
Ω
—
0.045
Ω
——
—
0.045
Ω
—
1.900
—
—
—
—
—
——
—
——
Voltage Rating
BBRF
99V
RXEF
72V
RXEF
60V
RUEF
30V
RGEF
16V
RHEF
16V
RHEF
30V
RUSBF
16V
RUSBF
6V
RKEF
60V
Electromagnetic loads
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Halogen lighting
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Lighting ballast
RXEF (<72V), BBRF (<99V)
Loudspeakers
RXEF (<72V)
RXEF (<72V), RKEF(<60V)
Medical equipment
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
MOSFET devices
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Motors, fans and blowers
RXEF (<72V), RGEF (<16V)
RHEF (<16V)
POS equipment
RXEF (<72V), RUEF (<30V)
Process and industrial controls
RXEF (<72V), RUEF (<30V)
Satellite video receivers
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Security and fire alarm systems
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Test and measurement equipment
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Transformers
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
DDC computer and consumer electronics
RUEF (<30V)
Mouse and keyboard
RUEF (<30V)
SCSI
RUEF (<30V)
USB
RUSBF (<16V)
Traces and printed circuit board protection
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Note : This list is not exhaustive. TE Circuit Protection welcomes customer's input for additional application ideas for PolySwitch resettable devices.
Protection Application
PolySwitch Resettable Devices — Key Selection Criteria
Flatter
Lower Current
Small Size
Derating
Higher Voltage
The guide below lists PolySwitch radial-leaded devices that are typically used in these applications.
Specifications for the suggested device part numbers can be found in this section.
Once a part number has been selected, the user should evaluate and test each product for its intended application.
Table R1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Radial-leaded Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com