Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF090 Datasheet(PDF) 23 Page - Tyco Electronics

Part # RUSBF090
Description  PolySwitch Resettable Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF090 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button RUSBF090 Datasheet HTML 19Page - Tyco Electronics RUSBF090 Datasheet HTML 20Page - Tyco Electronics RUSBF090 Datasheet HTML 21Page - Tyco Electronics RUSBF090 Datasheet HTML 22Page - Tyco Electronics RUSBF090 Datasheet HTML 23Page - Tyco Electronics RUSBF090 Datasheet HTML 24Page - Tyco Electronics RUSBF090 Datasheet HTML 25Page - Tyco Electronics RUSBF090 Datasheet HTML 26Page - Tyco Electronics RUSBF090 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
157
RoHS Compliant, ELV Compliant
12
Agency Recognitions for Radial-leaded Devices
UL
File # E74889
CSA
File # CA78165
TÜV
Certificate number available on request (per IEC 60730-1).
RHEF
16V - High Temperature
RHEF900
250
——
5,000
HF9
UL, CSA, TÜV
RHEF900-2
—
1,000
—
5,000
HF9
UL, CSA, TÜV
RHEF900-AP
——
1,000
5,000
HF9
UL, CSA, TÜV
RHEF1000
250
——
5,000
HF10
UL, CSA, TÜV
RHEF1000-2
—
1,000
—
5,000
HF10
UL, CSA, TÜV
RHEF1000-AP
——
1,000
5,000
HF10
UL, CSA, TÜV
RHEF1100
250
——
5,000
HF11
UL, CSA, TÜV
RHEF1100-2
—
1,000
—
5,000
HF11
UL, CSA, TÜV
RHEF1100-AP
——
1,000
5,000
HF11
UL, CSA, TÜV
RHEF1300
250
——
5,000
HF13
UL, CSA, TÜV
RHEF1300-2
—
1,000
—
5,000
HF13
UL, CSA, TÜV
RHEF1300-AP
——
1,000
5,000
HF13
UL, CSA, TÜV
RHEF1400
250
——
5,000
HF14
UL, CSA, TÜV
RHEF1400-2
—
1,000
—
5,000
HF14
UL, CSA, TÜV
RHEF1400-AP
——
1,000
5,000
HF14
UL, CSA, TÜV
RHEF1500
250
——
5,000
HF15
UL, CSA, TÜV
RHEF1500-2
—
1,000
—
5,000
HF15
UL, CSA, TÜV
RHEF1500-AP
——
1,000
5,000
HF15
UL, CSA, TÜV
RUSBF
6V
RUSBF075
500
——
10,000
RF075
UL, CSA, TÜV
RUSBF075-2
—
3,000
—
15,000
RF075
UL, CSA, TÜV
RUSBF075-AP
——
2,000
10,000
RF075
UL, CSA, TÜV
RUSBF120
500
——
10,000
RF120
UL, CSA, TÜV
RUSBF120-2
—
3,000
—
15,000
RF120
UL, CSA, TÜV
RUSBF120-AP
——
2,000
10,000
RF120
UL, CSA, TÜV
RUSBF155
500
——
10,000
RF155
UL, CSA, TÜV
RUSBF155-2
—
3,000
—
15,000
RF155
UL, CSA, TÜV
RUSBF155-AP
——
2,000
10,000
RF155
UL, CSA, TÜV
Part Number
Bag
Quantity
Tape & Reel
Quantity
Ammo Pack
Quantity
Standard Package
Quantity
Part Marking
Agency Recognition
Table R6 Packaging and Marking Information for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com