Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDM53 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWDM53
Description  Fused Single-Mode WDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWDM53 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWDM53 Datasheet HTML 1Page - OPLINK Communications Inc. SWDM53 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
SWDM53 Series
Standard
High Isolation
Unit
Grade (P=Premium, A=Grade A)
P
A
P
A
Operating Wavelength
1295~1325nm / 1528~1565nm
Insertion Loss
< 0.3
< 0.5
< 0.7
< 1.0
dB
Wavelength Dependent Loss
< 0.15
< 0.20
< 0.15
< 0.20
dB
Temperature Dependent Loss
< 0.15
< 0.20
< 0.15
< 0.20
dB
Isolation
> 17
> 16
> 34
> 30
dB
Polarization Dependent Loss
< 0.1
< 0.2
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature
- 10 to + 70
°C
Storage Temperature
- 40 to + 85
°C
Fiber Type
Corning SMF-28
Package Dimensions **
P1: 250µm SMF-28 fiber
P2: 900µm loose tube
P3: 3mm cable
P4:
(ø) 3.0 x (L) 54.0
(ø) 3.0 x (L) 60.0
(L) 96 x (W) 12 x (H) 6.4
(L)100 x (W) 80 x (H) 7.0
mm
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance is +/-0.2 mm on all package dimensions unless otherwise specified.
Port 1 In
L
Ø
Port 2 Signal
Port 3 Pump
Port 4 (terminated for
1x2 configuration)
S0166 - R01. 20101001
Fused Single-Mode WDM (1310/1550nm)
SWDM53 Series
Oplink’s 1310/1550nm fused single-mode wavelength division multiplexers
are manufactured using the proven fused biconical taper technology and
Oplink’s stringent quality procedures. With low insertion loss and flat pass-
band, this device is ideal for combining or separating optical signals in the
1310 and 1550nm bands.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other compo-
nents to form a full function module or subsystem.
Ultra Low Insertion Loss
Ultra High Isolation
Low Polarization Sensitivity
High Directivity
High Stable & Reliable
Bidirectional
Telecommunications
CATV
Subscriber Loop
Local Area Networks
Laboratory R&D


Similar Part No. - SWDM53

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWDM53-S0166 OPLINK-SWDM53-S0166 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM531HA OPLINK-SWDM531HA Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM531HP OPLINK-SWDM531HP Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM531SA OPLINK-SWDM531SA Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
Fused Single-Mode WDM
More results

Similar Description - SWDM53

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWDM591SP004 OPLINK-SWDM591SP004 Datasheet
282Kb / 2P
Mini Fused Single-Mode WDM
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM541SP OPLINK-SWDM541SP Datasheet
277Kb / 2P
Fused Single-Mode WDM
SWDM591SP0016 OPLINK-SWDM591SP0016 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM53-S0166 OPLINK-SWDM53-S0166 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54-S0167 OPLINK-SWDM54-S0167 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59-S0168 OPLINK-SWDM59-S0168 Datasheet
172Kb / 2P
Fused Single-Mode WDM
MINI-SWDM OPLINK-MINI-SWDM Datasheet
286Kb / 2P
Mini Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59 OPLINK-SWDM59 Datasheet
172Kb / 2P
Fused Single-Mode WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com