Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWDM53 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SWDM53
Description  Fused Single-Mode WDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWDM53 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SWDM53 Datasheet HTML 1Page - OPLINK Communications Inc. SWDM53 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
SWDM
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
0
3
5
Package & Fiber Type
Type
Grade
Configuration
P1+ 250μm bare fiber = 11
P2+ 900μm loose tube = 22
P3+ 3mm cable = 33
P4+ 900μm loose tube = 42
P4+ 3mm cable = 43
Standard= S
High Isolation= H*(P4 only)
Premium Grade= P
A Grade= A
1x2 = 1
2x2 = 2 **
Wavelength
Fiber Length
1550/1310nm= 53
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Fused Single-Mode WDM (1310/1550nm)
SWDM53 Series
S0166 - R01. 20101001
Notes :
* Must be P4 package
** Not available for high isolation model



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com