Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTC Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWTC
Description  Windband Tree/star Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWTC Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWTC Datasheet HTML 1Page - OPLINK Communications Inc. SWTC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
SWTC Series (NxM)
Nx4
Nx5
Nx6
Nx8
Nx16
Nx32
Nx40
Unit
Standard Configuration
N=1,2,4
N=1
N=1,2
N=1,2,8
N=1,2,16
N=1,2
N=1,2
Grade
P/A
P/A
P/A
P/A
P/A
P/A
P/A
Operating Wavelength Range
1310 nm
C Band
L Band
C+L Band
1270~1350
1528~1565
1570~1650
1528~1610
nm
Insertion Loss (Max) [1]
6.7/7.4
8.3/8.7
9.2/9.6
10.2/11.2
13.5/14.5
17.5/18.5
18.8/20.0
dB
Uniformity (Max)
0.8/1.0
1.0/1.2
1.2/1.4
1.2/1.8
1.5/2.0
2.5/3.5
2.8/3.5
dB
Polarization Dependent Loss
<0.3
<0.3
<0.4
<0.5
<0.6
<0.8
<0.8
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimension [2]
Refer packaging choices table
mm
P1 : 100.0 (L) x 80.0 (w) x 7.0(H)
P3 : 160.0 (L) x 110.0 (w) x 11.0 (H)
P2 : 130.0 (L) x 90.0 (w) x 9.0 (H)
P4 : 210.0 (L) x 160.0 (w) x 13.0 (H)
Applications
Performance Specificationns
Packaging Choices Table
[1] The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified, does not include contribution from connectors.
[2] The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
SWTC (NxM)
Nx4
Nx5
Nx6
1x8
2x8
8x8
1x16
2x16
16x16
1x32
2x32
1x40
2x40
Packaging
Choices
P1
P1
P1, P2
P1, P2
P1, P2
P2
P3
P3
P4
P4
P4
P4
P4
S0171. R03. 20101112
Single Window, Single Mode
Windband Tree/star Coupler (nxm)
SWTC Series
Oplink’s single window, single mode wideband tree and star couplers
are high port count bi-directional products with excellent perfor-
mance over a wide bandwidth. They have very good uniformity, low
excess loss and very low polarization sensitivity. All devices are tested
according to industry standard test procedures and are supplied with
all pertinent measurement data.
Oplink can provide customized designs to meet specialized feature
applications. Also, Oplink offers modular assemblies that integrate
other components to form a full functionmodule or subsystem.
Best Uniformity
Untra Low Insertion Loss
High Directivity
Highly Stable & Reliable
Telecommunications
CATV Fiberoptic Links
Fiber Amplifier System
Fiberoptic Instruments


Similar Part No. - SWTC

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWTC-S0171 OPLINK-SWTC-S0171 Datasheet
354Kb / 2P
Single Window, Single Mode Windband Tree/star Coupler
SWTC114A OPLINK-SWTC114A Datasheet
171Kb / 2P
Single Window Single Mode Wideband Tree/Star Coupler
SWTC114P OPLINK-SWTC114P Datasheet
171Kb / 2P
Single Window Single Mode Wideband Tree/Star Coupler
SWTC115A OPLINK-SWTC115A Datasheet
171Kb / 2P
Single Window Single Mode Wideband Tree/Star Coupler
SWTC115P OPLINK-SWTC115P Datasheet
171Kb / 2P
Single Window Single Mode Wideband Tree/Star Coupler
More results

Similar Description - SWTC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14531B MOTOROLA-MC14531B Datasheet
175Kb / 5P
12-BIT PARITY TREE
logo
ELMOS Semiconductor AG
E910.56 ELMOS-E910.56 Datasheet
194Kb / 2P
FlexRay??Star Coupler
logo
OPLINK Communications I...
SWTC314P OPLINK-SWTC314P Datasheet
171Kb / 2P
Single Window Single Mode Wideband Tree/Star Coupler
logo
NXP Semiconductors
TJA1085 NXP-TJA1085 Datasheet
963Kb / 61P
FlexRay active star coupler
Rev. 1-23 October 2012
TJA1086 NXP-TJA1086 Datasheet
964Kb / 62P
FlexRay active star coupler
Rev. 1-18 April 2013
logo
OPLINK Communications I...
DWTC-S0157 OPLINK-DWTC-S0157 Datasheet
205Kb / 2P
Dual Windows, Single Mode Windband Tree/star Coupler
SWTC-S0171 OPLINK-SWTC-S0171 Datasheet
354Kb / 2P
Single Window, Single Mode Windband Tree/star Coupler
logo
XFMRS Inc.
XF0203-2S XFMRS-XF0203-2S Datasheet
49Kb / 1P
RF WINDBAND TRANSFORMERS
logo
NXP Semiconductors
TJA1086G NXP-TJA1086G Datasheet
403Kb / 64P
FlexRay active star coupler
Rev. 1-13 July 2017
TJA1085G NXP-TJA1085G Datasheet
851Kb / 63P
FlexRay active star coupler
Rev. 1-28 February 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com