Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTC Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SWTC
Description  Windband Tree/star Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWTC Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SWTC Datasheet HTML 1Page - OPLINK Communications Inc. SWTC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWTC
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
[3] The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead time for special fiber length will be longer.
[4] Refer package table for packaging choices
P1
P3
P2
P4
0
0
0
Type
14 = 1x4
15 = 1x5
16 = 1x6
18 = 1x8
1A = 1x16
1B = 1x32
1C = 1x40
24 = 2x4
26 = 2x6
28 = 2x8
2A = 2x16
2B = 2x32
2C = 2x40
44 = 4x4
88 = 8x8
AA = 16x16
Wavelength
Package Type [4]
Grade
Fiber Type
Fiber Length [3]
1 = P1
2 = P2
3 = P3
4 = P4
P = P grade
A = A grade
2 = SMF-28 with 900µm
loose tube
3 = SMF-28 with 3mm cable
H = 0.5 meter
1 = 1.0 meter
5 = 1.5 meter
2 = 2.0 meter
Connector
Type
1 = None
2 = FC/PC
3 = FC/SPC
4 = FC/APC
5 = SC/PC
6 = SC/SPC
7 = SC/APC
8 = ST
9 = LC/UPC
A = MU
B = LC/APC
Single Window, Single Mode
Wideband Tree/star Coupler (nxm)
SWTC Series
S0171. R03. 20101112
3 = 1310 nm
5 = C band
6 = L band
1 = C+L band
Note: The fiber holes only for reference.
20.0
60.0
R1.5
5.0
3.0
DETAIL B
2.0
7.0
3.5
R2.5
100.0
VIEW B
80.0
TYP 4.0
76.0
35.0
60.0
R1.5
5.0
3.0
DETAIL B
2.0
9.0
5.5
R2.5
130.0
VIEW B
90.0
86.0
TYP 4.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com