Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LP3943
www.ti.com
SNVS256A – MAY 2004 – REVISED MAY 2004
Figure 10. Programming with Auto Increment Enabled (in WRITE Mode)
Table 3. LP3943 REGISTER TABLE
Address (Hex)
Register Name
Read/Write
Register Function
0x00
Input 1
Read Only
LED0–7 Input Register
0x01
Input 2
Read Only
LED8–15 Input Register
0x02
PSC0
R/W
Frequency Prescaler 0
0x03
PWM0
R/W
PWM Register 0
0x04
PSC1
R/W
Frequency Prescaler 1
0x05
PWM1
R/W
PWM Register 1
0x06
LS0
R/W
LED0–3 Selector
0x07
LS1
R/W
LED4–7 Selector
0x08
LS2
R/W
LED8–11 Selector
0x09
LS3
R/W
LED12–15 Selector
BINARY FOMAT FOR INPUT REGISTERS (READ ONLY)—ADDRESS 0x00 and 0x01
Table 4. Address 0x00
Bit #
7
6
5
4
3
2
1
0
Default value
X
X
X
X
X
X
X
X
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
Table 5. Address 0x01
Bit #
7
6
5
4
3
2
1
0
Default value
X
X
X
X
X
X
X
X
LED15
LED14
LED13
LED12
LED11
LED10
LED9
LED8
BINARY FORMAT FOR FREQUENCY PRESCALER AND PWM REGISTERS — ADDRESS 0x02 to 0x05
Table 6. Address 0x02 (PSC0)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
Table 7. Address 0x03 (PWM0)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
Table 8. Address 0x04 (PSC1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com