Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments LP3943 Datasheet HTML 12Page - Texas Instruments LP3943 Datasheet HTML 13Page - Texas Instruments LP3943 Datasheet HTML 14Page - Texas Instruments LP3943 Datasheet HTML 15Page - Texas Instruments LP3943 Datasheet HTML 16Page - Texas Instruments LP3943 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VDD
LED 15
LED 0
LP3943
LM2750-5.0
VIN
VOUT
CAP+
CAP-
CFLY
1 PF
2.2 PF
2.7V to 5.5V
2.2 PF
LP3943
www.ti.com
SNVS256A – MAY 2004 – REVISED MAY 2004
Step 4: Set PWM1 duty cycle to 50%
Step 5: Set LEDs 13, 14 and 15 off by loading the data into LS3 register
Step 6: Set LEDs 0 to 7 to point to DIM0
Step 7: Set LEDs 8 to 12 to point to DIM1
Step
Description
Register Name
Set to (Hex)
1
Set DIM0 = 1s
PSC0
0x09F
1 = (PSC0 + 1)/160
PSC0 = 159
2
Set duty cycle to 25%
PWM0
0x40
Duty Cycle = PWM0/256
PWM0 = 64
3
Set DIM1 = 0.2s
PSC1
0x1F
0.2 = (PSC1 + 1)/160
PSC1 = 31
4
Set duty cycle to 50%
PWM1
0x80
Duty Cycle = PWM1/256
PWM1 = 128
5
LEDs 13, 14 and 15 off
LS3
0x03
Output = HIGH
6
LEDs 0 to 7
LS0, LS1
LS0 = 0xAA
Output = DIM0
LS1 = 0xAA
7
LEDs 8 to 12
LS2, LS3
LS2 = 0xFF
Output = DIM1
LS3 = 0x03
REDUCING IQ WHEN LEDS ARE OFF
In many applications, the LEDs and the LP3943 share the same VDD, as shown in Typical Application Circuit.
When the LEDs are off, the LED pins are at a lower potential than VDD, causing extra supply current (ΔIQ). To
minimize this current, consider keeping the LED pins at a voltage equal to or greater than VDD.
Figure 11. Methods to Reduce IQ When LEDs Are Off
Figure 12. LP3943 With 5V Booster
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com