Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0013 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0013
Description  BATTERY BYPASS MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0013 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0013 Datasheet HTML 1Page - Solid States Devices, Inc PM0013 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2x Ø.125
Discharge Voltage
(TA = 25
oC)
Discharge Voltage
(IF = 300A)
Charge Voltage
(TA = 25
oC)
Charge Voltage
Charge Leakage Current
(VR = 4.0V)
Insulation Resistance (All terminals to Base @200V)
SOLID STATE DEVICES, INC.
PACKAGE OUTLINE: SPBM505-4.2x1
SPBM505-4.2x1
SPBM505-4.2x4
ELECTRICAL CHARACTERISTICS (per Section)
RATING
SYMBOL
MIN
MAX
UNIT
IF = 100A
IF = 200A
IF = 300A
TA = -40
oC
TA = +100
oC
IF = 15mA
IF = 20A
IF = 15mA, TA = -40
oC
IF = 20A, TA = -40
oC
IF = 20A, TA = +100
oC
TA = 25
oC
TA = -40
oC
TA = +100
oC
VFD1
VFD2
VFD3
VFD4
VFD5
VFC1
VFC2
VFC3
VFC4
VFC5
IRC1
IRC2
IRC3
RINS
.52
.55
.67
.70
.62
--
4.75
--
4.75
4.75
10
10
10
--
Volts
--
--
--
--
--
4.20
4.25
4.20
4.25
4.25
--
--
--
1.0
Volts
Volts
G
S
Volts
mA
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
NOTES:
(Unless otherwise specified)
All dimensions are in inches
For -x4 Package Outline Contact Factory.
Tolerances
(Unless specified):
".03
".010
.XX
.XXX
AVAILABLE TERMINAL CONFIGURATIONS
PART No.
THREAD TYPE
THREAD SIZE
SPBM505-4.2x1
INCH FEMALE
6-32 UNC-2B
SPBM505-4.2x1A
INCH MALE
6-32 UNC-2A
SPBM505-4.2x1M
METRIC FEMALE
M4 x 0.7
SPBM505-4.2x1MA
METRIC MALE
M4 x 0.7
PART No.
THREAD TYPE
THREAD SIZE
SPBM505-4.2x4
INCH FEMALE
6-32 UNC-2B
SPBM505-4.2x4A
INCH MALE
6-32 UNC-2A
SPBM505-4.2x4M
METRIC FEMALE
M4 x 0.7
SPBM505-4.2x4MA
METRIC MALE
M4 x 0.7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com