Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0013 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0013
Description  BATTERY BYPASS MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0013 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0013 Datasheet HTML 1Page - Solid States Devices, Inc PM0013 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+
U
--
• Programable Charge Voltage (VFC), Consult Factory
• Optimized for Use with Lithium Ion Batteries
• Radiation Tolerant Design
• High Charge/Discharge Current
• Low Forward Discharge Voltage (VFD)
• Compact and Rugged Construction Offering Weight and
Space Savings
• Very Low Mechanical Stress and Thermal Resistance
• Hermetic Sealed Discrete Elements
• TX, TXV, and S-Level Screening Available Upon Request
• Available with Male or Female and Inch or Metric Terminals
+
--
U
--
--
--
+
+
+
U
U
U
SOLID STATE DEVICES, INC.
SPBM505-4.2x1
SPBM505-4.2x4
FEATURES:
DATA SHEET #: PM0013A
300 AMPS DISCHARGE
20 AMPS CHARGE CURRENT
PROGRAMABLE
BATTERY BYPASS MODULE
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
ASPM
ELECTRICAL SCHEMATIC
MAXIMUM RATINGS
Discharge Current
Amps
CHARACTERISTIC
SYMBOL
VALUE
UNIT
ID
300
Surge Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
1000
40
IFSM
Operating Temperature Range
Storage Temperature Range
oC
TOP
TSTG
Thermal Resistance, Junction to Base
oC/W
0.40
0.80
1
1JBd
1
1JBc
Charge Current
Amps
IC
20
-40 TO +125
-55 TO +175
Discharging Leg
Charging Leg
Discharging Leg
Charging Leg
NOTE:
U - Charge Circuit
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPBM505-4.2x1
SPBM505-4.2x4
SPBM505-4.2x1
SPBM505-4.2x4


Similar Part No. - PM0013

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
More results

Similar Description - PM0013

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MM054 MICROSEMI-MM054 Datasheet
160Kb / 2P
BATTERY BYPASS CIRCUIT
MM158 MICROSEMI-MM158 Datasheet
207Kb / 2P
BATTERY CELL BYPASS/SHORTING MODULE
logo
Sensitron
SEN-4717 SENSITRON-SEN-4717 Datasheet
62Kb / 3P
SCHOTTKY BATTERY DISCHARGE BYPASS DIODE
logo
Solid States Devices, I...
SPBM505-4.2X1 SSDI-SPBM505-4.2X1 Datasheet
35Kb / 2P
300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE
SPMS506-01A SSDI-SPMS506-01A Datasheet
132Kb / 2P
BATTERY BYPASS POWER MODULE
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
logo
Surge Components
MSB12A45S2 SURGE-MSB12A45S2 Datasheet
287Kb / 2P
Bypass Diode Module for Solarcell
logo
GOOD-ARK Electronics
MSB12A45S2L GOOD-ARK-MSB12A45S2L Datasheet
90Kb / 2P
Bypass Diode Module for Solarcell
MSB12A45S3L GOOD-ARK-MSB12A45S3L Datasheet
84Kb / 2P
Bypass Diode Module for Solarcell
MSB15A45S2L GOOD-ARK-MSB15A45S2L Datasheet
92Kb / 2P
Bypass Diode Module for Solarcell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com