Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM30T28AY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM30T28AY
Description  Automotive 3000 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T28AY Datasheet(HTML) 4 Page - STMicroelectronics

  SM30T28AY Datasheet HTML 1Page - STMicroelectronics SM30T28AY Datasheet HTML 2Page - STMicroelectronics SM30T28AY Datasheet HTML 3Page - STMicroelectronics SM30T28AY Datasheet HTML 4Page - STMicroelectronics SM30T28AY Datasheet HTML 5Page - STMicroelectronics SM30T28AY Datasheet HTML 6Page - STMicroelectronics SM30T28AY Datasheet HTML 7Page - STMicroelectronics SM30T28AY Datasheet HTML 8Page - STMicroelectronics SM30T28AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM30TY
4/12
DocID022065 Rev 3
Figure 3. Peak pulse power dissipation versus
initial junction temperature (typical value)
Figure 4. Peak pulse power versus exponential
pulse duration (Tj initial = 25 °C)
P(W)
PP
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
150
175
T (°C)
j
10/1000 µs
P (kW)
PP
0.1
1.0
10.0
100.0
1000.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
T initial = 25 °C
j
t(
)
P ms
Figure 5. Clamping voltage versus peak pulse
current
(exponential waveform, maximum values)
Figure 6. Junction capacitance versus reverse
applied voltage for unidirectional types
(typical values)
I(A)
PP
0.1
1.0
10.0
100.0
1000.0
10
100
10/1000 µs
8/20 µs
V(V)
CL
T initial = 25 °C
j
C(nF)
0.1
1.0
10.0
1
10
100
SM30T18AY
SM30T39AY
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V(V)
R
Figure 7. Junction capacitance versus reverse
applied voltage for bidirectional types
(typical values)
Figure 8. Leakage current versus junction
temperature (typical values)
0.1
1.0
10.0
1
10
100
C(nF)
SM30T18CAY
SM30T39CAY
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V(V)
R
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V= V
RRM
I (nA)
R
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com