Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM30T28AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM30T28AY
Description  Automotive 3000 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T28AY Datasheet(HTML) 5 Page - STMicroelectronics

  SM30T28AY Datasheet HTML 1Page - STMicroelectronics SM30T28AY Datasheet HTML 2Page - STMicroelectronics SM30T28AY Datasheet HTML 3Page - STMicroelectronics SM30T28AY Datasheet HTML 4Page - STMicroelectronics SM30T28AY Datasheet HTML 5Page - STMicroelectronics SM30T28AY Datasheet HTML 6Page - STMicroelectronics SM30T28AY Datasheet HTML 7Page - STMicroelectronics SM30T28AY Datasheet HTML 8Page - STMicroelectronics SM30T28AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID022065 Rev 3
5/12
SM30TY
Characteristics
12
Figure 11. Thermal resistance junction to ambient versus copper surface under each
lead
Figure 9. Peak forward voltage drop versus
peak forward current
(typical values)
Figure 10. Relative variation of thermal
impedance, junction to ambient, versus pulse
duration
I(A)
FM
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T = 150 °C
j
T = 25 °C
j
V(V)
FM
Z/R
th(j-a)
th(j-a)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Recommended pad layout
Single pulse
t (s)
p
epoxy printed board, FR4 copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S (cm )
Cu
2
epoxy printed board, FR4 copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com