Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 2Page - Texas Instruments LP3971 Datasheet HTML 3Page - Texas Instruments LP3971 Datasheet HTML 4Page - Texas Instruments LP3971 Datasheet HTML 5Page - Texas Instruments LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments LP3971 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
LP3971
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
www.ti.com
Pin Descriptions (continued)
Pin #
Name
I/O
Type
Description
Input Digital enable pin for the high voltage power domain supplies. Output from
36
SYS_EN
I
D
the Monahans processor.
Digital enable pin for the Low Voltage domain supplies. Output signal from the
37
PWR_EN
I
D
Monahans processor
38
PGND1
G
G
Buck1 NMOS Power Ground
39
SW1
O
PWR
Buck1 Switcher output
40
VIN Buck1
I
PWR
Battery input power to Buck1
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
All Inputs
−0.3V to +6.5V
GND to GND SLUG
±0.3V
Junction Temperature (TJ-MAX)
150°C
Storage Temperature
−65°C to +150°C
Power Dissipation
(TA = 70°C)
(2)
3.2W
Junction-to-Ambient Thermal
Resistance
θJA
(2)
25°C/W
Maximum Lead Temp (Soldering)
260°C
ESD Rating (3)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-
OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance
of the part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA x PD-MAX).
(3)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine
model is a 200 pF capacitor discharged directly into each pin. (EAIJ)
Operating Ratings
VIN LDO 4,5
2.7V to 5.5V
VEN
1.74 to (VIN
Junction Temperature (TJ)
−40°C to +125°C
Operating Temperature (TA)
−40°C to +85°C
Maximum Power Dissipation
(TA = 70°C)
(1) (2)
2.2W
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-
OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance
of the part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA x PD-MAX).
(2)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51–7. The test board is a 4-layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array
of thermal vias. The ground plane on the board is 50 mm x 50 mm. Thickness of copper layers are 36 µm/1.8 µm/18 µm/36 µm (1.5 oz/1
oz/1 oz/1.5 oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W. Junction-to-ambient thermal resistance is
highly application and board-layout dependent. In applications where high maximum power dissipation exists, special care must be paid
to thermal dissipation issues in board design. The value of
θJA of this product can vary significantly, depending on PCB material, layout,
and environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care must be
paid to thermal dissipation issues. For more information on these topics, please refer to Application Note 1187: Leadless Leadframe
Package (LLP) and the Power Efficiency and Power Dissipation section of this datasheet.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com