Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 9Page - Texas Instruments LP3971 Datasheet HTML 10Page - Texas Instruments LP3971 Datasheet HTML 11Page - Texas Instruments LP3971 Datasheet HTML 12Page - Texas Instruments LP3971 Datasheet HTML 13Page - Texas Instruments LP3971 Datasheet HTML 14Page - Texas Instruments LP3971 Datasheet HTML 15Page - Texas Instruments LP3971 Datasheet HTML 16Page - Texas Instruments LP3971 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
1
1e1
1e2
1e3
1e4
OUTPUT CURRENT (mA)
0.00
20.00
40.00
60.00
80.00
100.00
VIN = 3.5V
VIN = 3V
1
1e1
1e2
1e3
1e4
OUTPUT CURRENT (mA)
0.00
18.00
36.00
54.00
72.00
90.00
VIN = 4.5V
VIN = 4V
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
Buck Converters SW1, SW2, SW3
Unless otherwise noted, VIN = 3.6V, CIN = 10 μF, COUT = 10 μF, LOUT = 2.2 μH ceramic. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation,
−40°C to +125°C.
(1) (2) (3) and (4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage Accuracy
Default VOUT
−3
+3
%
Eff
Efficiency
Load Current = 500 mA
95
%
ISHDN
Shutdown Supply Current
EN is de-asserted
0.1
μA
Sync Mode Clock Frequency
Synchronized from 13 MHz System
10.4
13
15.6
MHz
Clock
fOSC
Internal Oscillator Frequency
2.0
MHz
IPEAK
Peak Switching Current Limit
2.1
2.4
A
IQ
Quiescent Current “On”
No Load PFM Mode
21
μA
No Load PWM Mode
200
RDSON (P)
Pin-Pin Resistance PFET
240
m
Ω
RDSON (N)
Pin-Pin Resistance NFET
200
m
Ω
TON
Turn On Time
Start up from Shut-down
500
μsec
CIN
Input Capacitor
Capacitance for Stability
8
µF
CO
Output Capacitor
Capacitance for Stability
8
µF
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
The input voltage range recommended for ideal applications performance for the specified output voltages is given below:VIN = 2.7V to
5.5V for 0.80V < VOUT < 1.8VVIN = (VOUT+ 1V) to 5.5V for 1.8V ≤ VOUT ≤ 3.3V
(4)
Test condition: for VOUT less than 2.7V, VIN = 3.6V; for VOUT greater than or equal to 2.7V, VIN = VOUT+ 1V.
Buck 1 Output Efficiency vs. Load Current Varied from 1mA to 1.5 Amps
VIN = 3, 3.5 volts VOUT = 1.4 volts Forced PWM
VIN = 4.0, 4.5 volts VOUT = 1.4 volts Forced PWM
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com