Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C318VPFV Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB40C318VPFV
Description  8-bit 140 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C318VPFV Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB40C318VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
MB40C318V
s TIMING DIAGRAM 1
Differential CLK input-straight output mode
• CLKEP = CLKEN = 140 MHz (max)
• CLKA = CLKB = “L” (DVSS)
• CKSEL = “H” (AVDD)
•DSEL = “H” (DVDD)
• RESET = “H” (DVDDI)
•CE = “L” (AVSS)
•OE = “L” (DVSS)
• Differential CLK input — Solid line: CLKEP, Dotted line: CLKEN
•VINA input — Sampling at CLKEP rising
(CLKEN falling)
•DA0 to DA7 — Output (after 5 CLK + tpdS from Sampling) at CLKEP rising
(CLKEN falling)
VIHD
VILD
VOHD
VOLD
DA0 to DA7
VOHD
VOLD
DB0 to DB7
VOHD
VOLD
CLKOA
VOHD
VOLD
CLKOB
DVDDI
− 1.1 V
DVDDI
− 1.45 V
0.4 V
N
N
+ 1
DVDD
− 0.4 V
0.4 V
tAD
tf
tr
tWS+
tWS−
N
− 3N − 2N − 1
N
− 4
N
− 5
N
− 6
N
− 7
N
− 1N + 1N + 2N + 3N + 4N + 5N + 6N + 7
N
tpdSO (typ)
tpdSO (min)
tpdSO (max)
DVDD
− 0.4 V
tpdS (typ)
tpdS (min)
tpdS(max)
Differential
CLK input
VINA input
ALL “L” fix
ALL “L” fix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com