Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C318VPFV Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB40C318VPFV
Description  8-bit 140 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C318VPFV Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB40C318VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 13Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
MB40C318V
s TIMING DIAGRAM 2
Differential CLK input-demultiplex output (in-phase) mode
• CLKEP = CLKEN = 140 MHz (max)
• CLKA = CLKB = “L” (DVSS)
• CKSEL = “H” (AVDD)
• DSEL = “L” (DVSS)
•CE = “L” (AVSS)
•OE = “L” (DVSS)
• Differential CLK input — Solid line: CLKEP, Dotted line: CLKEN
•VINA input — Sampling at CLKEP rising
(CLKEN falling)
•DA0 to DA7 — Output (after 5 CLK + tpdM1 from Sampling) at CLKEP rising
(CLKEN falling)
•DB0 to DB7 — Output (after 6 CLK + tpdM1 from Sampling) at CLKEP rising
(CLKEN falling)
VOHD
VOLD
DA0 to DA7
Differential
CLK input
RESET input
VOHD
VOLD
N
− 10
or N
− 9
N
− 8
or N
− 9
N
− 8
or N
− 7
N
− 6
or N
− 7
N
− 4
or N
− 5
N
− 2
N
+ 1
N
or N
− 3
N
− 1
or N
− 2
N
− 3
or N
− 4
N
− 5
or N
− 6
N
− 7
or N
− 8
N
− 9
or N
− 10
N
− 9
or N
− 8
DB0 to DB7
VOHD
VOLD
CLKOA
VOHD
VOLD
CLKOB
VIHD
VILD
VIHD
VILD
th
tS
th
tS
1.5 V
DVDD
− 0.4 V
0.4 V
tpdM1O(typ)
tpdM1O(max)
tpdM1O(min)
tpdM1(typ)
tpdM1(min)
tpdM1(max)
tpdM1(typ)
tpdM1(max)
tpdM1(min)
N
+ 2
N
+ 3
DVDD
− 0.4 V
0.4V
DVDD
− 0.4 V
0.4V
tr
tf
TtWS
+ tWS−
tAD
N
N
− 3 N − 2 N − 1
N
+ 1 N + 2 N + 3 N + 4 N + 5 N + 6 N + 7 N + 8 N + 9 N + 10
N
− 10
or N
− 11
DVDDI
− 1.1 V
DVDDI
− 1.45 V
ALL “L” fix
VINA input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com