Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C328VPFV Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB40C328VPFV
Description  8-bit 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C328VPFV Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB40C328VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
MB40C328V
s ELECTRICAL CHARACTERISTICS
• DC Characteristics in Analog Section
(AVDD = DVDD = 3.00 V to 3.60 V, DVDDI = 4.75 V to 5.25 V, Ta = –20
°C to +70°C)
• DC Characteristics in Digital Section
(AVDD = DVDD = 3.00 V to 3.60 V, DVDDI = 4.75 V to 5.25 V, Ta = –20
°C to +70°C)
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Resolution
—
—
8
—
bit
Linearity error
LE
—
±0.40
±0.6
%
Differential linearity error
DLE
—
±0.20
±0.36
%
Analog input capacity
CINA
—22—
pF
Reference voltage: T
VREFT
0.88
× AVDD
0.91
× AVDD
0.94
× AVDD
V
Reference voltage: B
VREFB
0.27
× AVDD
0.3
× AVDD
0.33
× AVDD
V
Reference current
IRB
–15
–10
—
mA
Analog supply current
AIDD
—42.0
85.0
mA
Digital supply current
DIDD
—20.0
40.0
mA
DIDDI
—1
4
mA
Standby current
ISB
—
100
—
µA
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Digital “H” level output voltage
VOHD
DVDD – 0.4
—
DVDD
V
Digital “L” level output voltage
VOLD
——
0.4
V
Digital “H” level output current
IOHD
–400
—
—
µA
Digital “L” level output current
IOLD
——
1.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com