Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C328VPFV Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB40C328VPFV
Description  8-bit 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C328VPFV Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB40C328VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 13Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 14Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 15Page - fujitsu semiconductor MB40C328VPFV Datasheet HTML 16Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
MB40C328V
s TIMING DIAGRAM 4
Two-phase CLK input mode (CLKA, CLKB)
• CLK = “L” (DVSS) or “H” (DVDDI)
• CLKA = CLKB = 50 MHz (max)
• CKSEL = “L” (AVSS)
• DSEL = “L” (DVSS)
• RESET = “H” (DVDDI) or “L” (DVSS)
•CE = “L” (AVSS)
•OE = “L” (DVSS)
•VINA input — Sampling (A ch) at CLKA falling
Sampling (B ch) at CLKB falling
•DA0 to DA7 — Output (after 2.5 CLK + tpdD from Sampling) at CLKA rising
•DB0 to DB7 — Output (after 3 CLK + tpdD from Sampling) at CLKB rising
tpdD(max)
tpdD(typ)
tpdD(min)
tpdD(max)
tpdD(typ)
tpdD(min)
VIHD
VILD
VIHD
VILD
VOHD
VOLD
DA0 to DA7
VOHD
VOLD
DB0 to DB7
VOHD
VOLD
CLKOA
VOHD
VOLD
CLKOB
tWD−
tWD+
tWD+
tAD
N(Ach)
N
+ 1(Bch)
N
− 6
N
− 7N − 5N − 3N − 1
N
+ 1
N
− 4N − 2
N
+ 2(Ach) N + 3(Bch) N + 4(Ach) N + 5(Bch) N + 6(Ach) N + 7(Bch)
tAD
tWD−
tr
tf
0.5 V
tr
tf
0.5 V
1.5 V
1.5 V
N
DVDD
−0.4 V
0.4 V
DVDD
− 0.4 V
0.4 V
tpdDO(max)
tpdDO(min)
0.4 V
tpdDO(typ)
DVDD
− 0.4 V
DVDD
− 0.5 V
DVDD
− 0.5 V
DA0 to DA7
CLKA input
CLKB input
VINA input
N
+ 2
ALL “L” fix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com