Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C338VPFV Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB40C338VPFV
Description  3 ch 8-bit 162 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C338VPFV Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB40C338VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MB40C338V
9
2.
DC characteristics in Digital Section
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
3.
Switching Characteristics
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
s
s
s
s DIGITAL OUTPUT BUFFER LOAD CIRCUIT
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Digital input current
IID
−20
5
µA
Digital “H” level output voltage
VOHD
DVDD
− 0.4

V
Digital “L” level output voltage
VOLD

0.4
V
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
A/D Maximum
conversion rate
Timing diagram 1
fS1
100

MSPS
Timing diagram 2
fS2
162

MSPS
Aperture time
tAD
1.5
ns
VCO oscillation
frequency
VCOL
fVCOL
75
140
MHz
VCOH
fVCOH
85
162
MHz
CLK output delay time
tpd (HSYNC-CLK)
1.0
2.0
4.0
ns
Digital output delay
time
Timing diagram 1
tpd (CLK-ADCLK1)
0.0
1.0
2.0
ns
tpd (CLK-DATA1)
2.5
4.0
6.0
ns
Timing diagram 2
tpd (CLK-ADCLK2)
0.0
1.0
2.0
ns
tpd (CLK-DATA2)
2.5
4.0
6.0
ns
DSYNC output delay time
tpd (CLK-DSYNC)
0.5
1.5
2.0
ns
CL
= 15 pF
DVSS
To the
measurement
point
Measurement point
Note: CL includes a stray capacitance of a probe and a fixture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com