Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C338VPFV Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB40C338VPFV
Description  3 ch 8-bit 162 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C338VPFV Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB40C338VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 13Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 14Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 15Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 16Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 17Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 18Page - fujitsu semiconductor MB40C338VPFV Datasheet HTML 19Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
MB40C338V
18
s
s
s
s PACKAGE DIMENSION
120-pin plastic LQFP
(FPT-120P-M21)
C
1998 FUJITSU LIMITED F120033S-2C-2
1
30
60
31
90
61
120
91
16.00±0.10(.630±.004)SQ
18.00±0.20(.709±.008)SQ
0.50(.020)
0.22±0.05
(.009±.002)
M
0.08(.003)
INDEX
.006 –.001
+.002
–0.03
+0.05
0.145
"A"
0.08(.003)
LEAD No.
.059 –.004
+.008
–0.10
+0.20
1.50
Details of "A" part
0~8°
(Mounting height)
0.45/0.75
(.018/.030)
0.25(.010)
(.004±.002)
0.10±0.05
(Stand off)
Dimension in mm (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com