Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C360 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C360
Description  20 MHz 10-bit A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C360 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C360 Datasheet HTML 1Page - fujitsu semiconductor MB40C360 Datasheet HTML 2Page - fujitsu semiconductor MB40C360 Datasheet HTML 3Page - fujitsu semiconductor MB40C360 Datasheet HTML 4Page - fujitsu semiconductor MB40C360 Datasheet HTML 5Page - fujitsu semiconductor MB40C360 Datasheet HTML 6Page - fujitsu semiconductor MB40C360 Datasheet HTML 7Page - fujitsu semiconductor MB40C360 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MB40C360
s ABSOLUTE MAXIMUM RATINGS
* : Don’t exceed 4.0V
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min.
Max.
Power supply voltage
AVDD, DVDD
–0.3
+4.0
V
Input voltage (analog/digital)
CLK, VINA, VRT, VRB,
CE, OE
–0.3
AVDD + 0.3*
V
Output voltage
D0 to D9
–0.3
DVDD + 0.3*
V
Storage temperature
Tstg
–55
+125
°C
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Power supply voltage
AVDD
2.70
3.00
3.60
V
DVDD
2.70
3.00
3.60
V
| AVDD – DVDD |
0.0
—
0.2
V
Analog input voltage
VINA
VRB
—VRT
V
Analog reference voltage: T
VRT
1.5
2.0
AVDD
V
Analog reference voltage: B
VRB
0.0
—
AVDD – 1.5
V
Analog reference voltage range
VRT – VRB
1.5
2.0
2.1
V
Digital “H” level input voltage
VIHD
2.3
—
DVDD
V
Digital “L” level input voltage
VILD
0—
0.5
V
Digital input current
IID
——
5
µA
Clock frequency
fCLK
0.5
—
20
MHz
“H” level minimum clock pulse width
tW +
20.0
—
—
ns
“L” level minimum clock pulse width
tW –
20.0
—
—
ns
Operating temperature range
Ta
–20
—
+70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com