Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C360 Datasheet (PDF) - fujitsu semiconductor

MB40C360 Datasheet PDF - fujitsu semiconductor
Part # MB40C360
Download  MB40C360 Download
File Size   83.44 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 20 MHz 10-bit A/D Converter

MB40C360 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C360 Datasheet PDF - fujitsu semiconductor

Part # MB40C360
Download  MB40C360 Click to download

File Size   83.44 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 20 MHz 10-bit A/D Converter

MB40C360 Datasheet (HTML) - fujitsu semiconductor


MB40C360 Product details

■ DESCRIPTION
MB40C360 is a high-speed A/D converter using a fast CMOS technology.

■ FEATURES
• Resolution : 10 bits
• Differential linearity error : ±1.0 LSB (max.)
• Maximum conversion rate : 20 MSPS (min.)
• Supply voltage : Single +3.0 V
• Digital in/output voltage : 3 V CMOS level (tristate)
• Analog input voltage range : 0 V to AVDD (1.5 V to 2.1 Vp-p)
• Analog input capacitance : 18 pF (standard)
• Dissipation power : 40 mW
• Additional capabilities : Power saving function tristate output
• Package : 24-pin SSOP




Similar Part No. - MB40C360

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C368PF FUJITSU-MB40C368PF Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C368PFV FUJITSU-MB40C368PFV Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
More results


Similar Description - MB40C360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
10-Bit, 20 MSPS A/D Converter
August 1997
logo
List of Unclassifed Man...
DAC-341 ETC-DAC-341 Datasheet
814Kb / 4P
10-BIT 80 MHZ VIDEO SPEED D/A CONVERTER
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
10-Bit, 20 MSPS Monolithic A/D Converter
REV.0
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
10-Bit, 20 MSPS A/D Converter
August 2000
logo
Murata Power Solutions ...
DAC-341 MURATA-PS-DAC-341 Datasheet
981Kb / 4P
10-Bit 80 MHz Video Speed D/A Converter
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com