Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950VPFV Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB40C950VPFV
Description  85 MSPS 3ch 10-bit D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C950VPFV Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB40C950VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
MB40C950V
s ELECTRICAL CHARACTERISTICS
1. DC Characteristics
•RL = 200
Ω
(AVDD = DVDD = 4.75 V to 5.25 V, VRIN = 2 V, RREF = 3.3 k
Ω, RL = 200 Ω, Ta = –20°C to +75°C)
•RL = 75
Ω
(AVDD = DVDD = 4.75 V to 5.25 V, VRIN = 2 V, RREF = 2.4 k
Ω, RL = 75 Ω, Ta = –20°C to +75°C)
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Resolution
—
—
—
10
—
bit
Linearity error
LE
DC Accuracy
——
±1.5
LSB
Differential linearity error
DLE
—
—
±1LSB
Digital input current
IID
—–5
—
5
µA
Full-scale output voltage
VOFS
—
1.85
1.94
2.03
V
Zero-scale output voltage
VOZS
—0
—
10
mV
Analog power supply current
AIDD
—
—
30
35
mA
Digital power supply current
DIDD
—
—
17
24
mA
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Resolution
—
—
—
10
—
bit
Linearity error
LE
DC Accuracy
——
±1.5
LSB
Differential linearity error
DLE
—
—
±1LSB
Digital input current
IID
—–5
—
5
µA
Full-scale output voltage
VOFS
—
0.94
1.0
1.06
V
Zero-scale output voltage
VOZS
—0
—
10
mV
Analog power supply current
AIDD
—
—
45
50
mA
Digital power supply current
DIDD
—
—
17
24
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com