Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950VPFV Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB40C950VPFV
Description  85 MSPS 3ch 10-bit D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C950VPFV Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB40C950VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 13Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 14Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 15Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 16Page - fujitsu semiconductor MB40C950VPFV Datasheet HTML 17Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
MB40C950V
(Continued)
C
1994 FUJITSU LIMITED F64019S-1C-2
23.90±0.40(.941±.016)
20.00±0.20(.787±.008)
1.00(.0394)
0.40±0.10
0.15±0.05(.006±.002)
18.00(.709)REF
22.30±0.40(.878±.016)
0.10(.004)
14.00±0.20
17.90±0.40
12.00
16.30±0.40
(.551±.008)
(.705±.016)
(.472)
REF
(.642±.016)
(.016±.004)
0.20(.008) M
"A"
1 PIN INDEX
"B"
0.25(.010)
0.30(.012)
0.18(.007)MAX
0.63(.025)MAX
Details of "A" part
Details of "B" part
0.80±0.20
(.031±.008)
0
10°
TYP
1
19
20
32
33
51
52
64
0.05(.002)MIN
(STAND OFF)
LEAD No.
3.35(.132)MAX
(Mounting height)
Dimensions in mm (inches)
64-pin Plastic QFP
(FPT-64P-M10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com