Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP724AHTP Datasheet(PDF) 5 Page - Littelfuse

Part # SP724AHTP
Description  SCR Diode Array for ESD and Transient Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP724AHTP Datasheet(HTML) 5 Page - Littelfuse

  SP724AHTP Datasheet HTML 1Page - Littelfuse SP724AHTP Datasheet HTML 2Page - Littelfuse SP724AHTP Datasheet HTML 3Page - Littelfuse SP724AHTP Datasheet HTML 4Page - Littelfuse SP724AHTP Datasheet HTML 5Page - Littelfuse SP724AHTP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
256
www .littelfuse .com
TVS Diode Arrays
SCR Diode Array for ESD and Transient Overvoltage Protection
SP724 Lead-Free
Small Outline Transistor Plastic Packages (SOT23-6)
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.036
0.057
0.90
1.45
-
A1
0.000
0.0059
0.00
0.15
-
A2
0.036
0.051
0.90
1.30
-
b
0.0138
0.0196
0.35
0.50
-
C
0.0036
0.0078
0.09
0.20
-
D
0.111
0.118
2.80
3.00
3
E
0.103
0.118
2.60
3.00
-
E1
0.060
0.068
1.50
1.75
3
e
0.0374 Ref
0.95 Ref
-
e1
0.0748 Ref
1.90 Ref
-
L
0.004
0.023
0.10
0.60
4, 5
N6
6
6
0o
10o
0o
10o
-
Rev. 1 2/98
SOT23-6
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
Mechanical Specifications
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.102mm (0.004 inches)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Package Information
Notes:
1. All dimensions are in millimeters.
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-203 ISSUE A.
5. Blo is facing up for mold and facing down for trim/form,
i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
RoHS
Pb



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com