Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP724AHTP Datasheet(PDF) 1 Page - Littelfuse

Part # SP724AHTP
Description  SCR Diode Array for ESD and Transient Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP724AHTP Datasheet(HTML) 1 Page - Littelfuse

  SP724AHTP Datasheet HTML 1Page - Littelfuse SP724AHTP Datasheet HTML 2Page - Littelfuse SP724AHTP Datasheet HTML 3Page - Littelfuse SP724AHTP Datasheet HTML 4Page - Littelfuse SP724AHTP Datasheet HTML 5Page - Littelfuse SP724AHTP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
252
www .littelfuse .com
TVS Diode Arrays
SCR Diode Array for ESD and Transient Overvoltage Protection
SP724 Lead-Free
The SP724 is a quad array of transient voltage clamping circuits designed
to suppress ESD and other transient over-voltage events. The SP724 is
used to help protect sensitive digital or analog input circuits on data,
signal, or control lines operating on power supplies up to 20VDC.
The SP724 is comprised of bipolar SCR/diode structures to protect up
to four independent lines by clamping transients of either polarity to the
power supply rails. The SP724 offers very low leakage (1nA Typical) and
low input capacitance (3pF Typical). Additionally, the SP724 is rated to
withstand the IEC 61000-4-2 ESD specification for both contact and air
discharge methods to level 4.
The SP724 is connected to the sensitive input line and its associated
power supply lines. Clamping action occurs during the transient pulse,
turning on the diode and fast triggering SCR structures when the voltage
on the input line exceeds one VBE threshold above the V+ supply (or
one VBE threshold below the V- supply). Therefore, the SP724P opera-
tion is unaffected by poor power supply regulation or voltage fluctuations
within its operating range.
Features
• An Array of 4 SCR/Diode Pairs in 6-Lead SOT-23
• ESD Capability per HBM Standards
- IEC 61000-4-2, Direct Discharge . . . . . . . . . . . . . . . . . 8kV (Level 4)
- IEC 61000-4-2, Air Discharge . . . . . . . . . . . . . . . . . . 15kV (Level 4)
- MIL STD 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >8kV
• Input Protection for Applications with Power Supplies Up to +20V
(Single-Ended Voltage), and ±10V (Differential Voltage)
• Peak Current Capability
• IEC 61000-4-5 (8/20µs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3A
• Single Pulse, 100µs Pulse Width . . . . . . . . . . . . . . . . . . . . . . . ±2.2A
• Low Input Leakage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1nA Typical
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3pF Typical
• Operating Temperature Range . . . . . . . . . . . . . . . . . . . . -40oC to 105oC
Applications
• Microprocessor/Logic Input Protection
• Data Bus Protection
• Analog Device Input Protection
• Voltage Clamp
Functional Block Diagram
Ordering Information
Pinout
PART
Min. Order
Qty.
NUMBER
TEMP. RANGE
(oC)
PACKAGE
Marking
724P
3000
SP724AHTP
-40 to 105
Tape and Reel
I/O
I/O
V+
I/O
I/O
V–
65
4
12
3
SP724
(SOT-23)
TOP VIEW
NOTES:
1. The design of the SP724 SCR/Diode ESD Protection Arrays are
covered by Littelfuse patent 4567500.
2. The full ESD capability of the SP724 is achieved when wired in a
circuit that includes connection to both the V+ and V- pins. When
handling individual devices, follow proper procedures for
electrostatic discharge.
2
V+
V-
IN
3, 4 AND 6
IN
1
5
RoHS
Pb


Similar Part No. - SP724AHTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
160Kb / 6P
TVS Diode Arrays
SP724AHTG LITTELFUSE-SP724AHTG Datasheet
706Kb / 6P
TVS Diode Arrays (SPA짰 Diodes) General Purpose ESD Protection - SP724 Series
More results

Similar Description - SP724AHTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP720AP LITTELFUSE-SP720AP Datasheet
102Kb / 6P
TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
logo
Nexperia B.V. All right...
MMBZ18VCL-Q NEXPERIA-MMBZ18VCL-Q Datasheet
212Kb / 11P
Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ20VCL-Q NEXPERIA-MMBZ20VCL-Q Datasheet
212Kb / 11P
Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ15VDL-Q NEXPERIA-MMBZ15VDL-Q Datasheet
213Kb / 11P
Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ27VCL-Q NEXPERIA-MMBZ27VCL-Q Datasheet
217Kb / 11P
Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ18VCL NEXPERIA-MMBZ18VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
MMBZ20VCL NEXPERIA-MMBZ20VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com