Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S32PUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S32PUR
Description  4 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32PUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S32PUR Datasheet HTML 9Page - STMicroelectronics ST1S32PUR Datasheet HTML 10Page - STMicroelectronics ST1S32PUR Datasheet HTML 11Page - STMicroelectronics ST1S32PUR Datasheet HTML 12Page - STMicroelectronics ST1S32PUR Datasheet HTML 13Page - STMicroelectronics ST1S32PUR Datasheet HTML 14Page - STMicroelectronics ST1S32PUR Datasheet HTML 15Page - STMicroelectronics ST1S32PUR Datasheet HTML 16Page - STMicroelectronics ST1S32PUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ST1S32
Functional description
Doc ID 023246 Rev 1
13/29
Figure 7.
Phase Bode plot
4.3
Overcurrent protection
The ST1S32 implements overcurrent protection sensing the current flowing through the
high-side current switch.
If the current exceeds the overcurrent threshold, the high-side is turned off, implementing a
cycle-by-cycle current limitation. Since the regulation loop is no longer fixing the duty cycle,
the output voltage is unregulated and the FB pin falls accordingly to the new duty cycle.
If the FB pin falls below 0.2 V, the peak current limit is reduced to around 2.3 A and the
switching frequency is reduced to assure that the inductor current is properly limited below
the above mentioned value and above 1.2 A. This strategy is called “current foldback”.
The mechanism to adjust the switching undercurrent foldback condition exploits the low-side
current sense circuitry. If FB is lower than 0.2 V, the high-side Power MOSFET is turned off
when the current reaches the current foldback threshold (2.3 A), then, after a proper dead
time that avoids the cross conduction, the low-side is turned on until the low-side current is
lower than a valley threshold (1.2 A). Once the low-side is turned off, the high-side is
immediately turned on. In this way the frequency is adjusted to keep the inductor current
ripple between the current foldback value (2.3 A) and valley threshold (1.2 A), therefore
properly limiting the output current in case of overcurrent or short-circuit.
It should be noted that in some cases, mainly with very low output voltages, the hard
overcurrent can make the FB find the new equilibrium just over the current foldback
threshold (0.2 V). In this case no frequency reduction is enabled, then the inductor current
may diverge. That is, the ripple current during the minimum ON-time is higher than the ripple
current during the OFF-time (the switching period minus the minimum ON-time), so pulse-
by-pulse the average current is rising, exceeding the current limit.
In order to avoid too high current, a further protection is activated when the high-side current
exceeds a further current threshold (OCP2) slightly over the current limit (OCP1). If the
current triggers the second threshold, the converter stops switching, the reference of the
error amplifier is pulled down and then it restarts with a soft-start procedure. If the
overcurrent condition is still active, the current foldback with frequency reduction properly
limits the output current to 2.3 A.
AM11421v1
0.1
1
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
1 .10
7
210
182.5
155
127.5
100
72.5
45
17.5
10
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com