Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S32PUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST1S32PUR
Description  4 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32PUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST1S32PUR Datasheet HTML 13Page - STMicroelectronics ST1S32PUR Datasheet HTML 14Page - STMicroelectronics ST1S32PUR Datasheet HTML 15Page - STMicroelectronics ST1S32PUR Datasheet HTML 16Page - STMicroelectronics ST1S32PUR Datasheet HTML 17Page - STMicroelectronics ST1S32PUR Datasheet HTML 18Page - STMicroelectronics ST1S32PUR Datasheet HTML 19Page - STMicroelectronics ST1S32PUR Datasheet HTML 20Page - STMicroelectronics ST1S32PUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
ST1S32
Application information
Doc ID 023246 Rev 1
17/29
The slope compensation, to prevent the sub-harmonic instability in peak current control
loop, is internally managed and so fixed. This implies a further lower limit for the inductor
value. To assure the sub-harmonic stability:
Equation 20
where Vpp is the peak-to-peak value of the slope compensation ramp.
The inductor value selected, based on Equation 19, must satisfy Equation 20.
The peak current through the inductor is given by:
Equation 21
So if the inductor value decreases, the peak current (that must be lower than the current
limit of the device) increases. The higher the inductor value, the higher the average output
current that can be delivered, without reaching the current limit.
In Table 7 some inductor part numbers are listed.
5.3
Output capacitor selection
The current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge or discharge of the
output capacitor) and the resistive component (due to the voltage drop across its ESR). So
the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Table 7.
Inductors
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Coilcraft
XAL50xx
1.2 to 3.3
6.3 to 9
XAL60xx
2.2 to 5.6
7.4 to 11
MSS1048
1.0 to 3.8
6.5 to 11
Wurth
WE-HCI 7030
1.5 to 4.7
7 to 14
WE-PD type L
1.5 to 3.5
6.4 to 10
Coiltronics
DR73
1.0 to 2.2
5.5 to 7.9
DR74
1.5 to 3.3
5.4 to 8.35
LV
out
2V
pp
•
f
sw
•
()
⁄
>
I
LPK
,
I
O
ΔI
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com