Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP35N35LZ Datasheet(PDF) 17 Page - STMicroelectronics

Part # STGP35N35LZ
Description  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP35N35LZ Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STGP35N35LZ Datasheet HTML 10Page - STMicroelectronics STGP35N35LZ Datasheet HTML 11Page - STMicroelectronics STGP35N35LZ Datasheet HTML 12Page - STMicroelectronics STGP35N35LZ Datasheet HTML 13Page - STMicroelectronics STGP35N35LZ Datasheet HTML 14Page - STMicroelectronics STGP35N35LZ Datasheet HTML 15Page - STMicroelectronics STGP35N35LZ Datasheet HTML 16Page - STMicroelectronics STGP35N35LZ Datasheet HTML 17Page - STMicroelectronics STGP35N35LZ Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DocID12253 Rev 6
17/18
STGB35N35LZ, STGP35N35LZ
Revision history
18
6
Revision history
Table 12. Document revision history
Date
Revision
Changes
29-Mar-2006
1
Initial release.
03-Jun-2009
2
Document status promoted from preliminary data to datasheet.
05-Nov-2009
3
Inserted
Chapter 2.1: Electrical characteristics (curves)
16-Feb-2010
4
Added new package, mechanical data: TO-220
03-Jun-2010
5
– Added
Figure 12: Thermal impedance
– Modifed
Figure 4, Figure 5, Figure 6 and Figure 7
– D²PAK mechanical data has been updated
28-May-2013
6
– Updated title in cover page,
Chapter 5: Packaging mechanical
data and Chapter 5: Packaging mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com