Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP35N35LZ Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP35N35LZ
Description  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP35N35LZ Datasheet(HTML) 5 Page - STMicroelectronics

  STGP35N35LZ Datasheet HTML 1Page - STMicroelectronics STGP35N35LZ Datasheet HTML 2Page - STMicroelectronics STGP35N35LZ Datasheet HTML 3Page - STMicroelectronics STGP35N35LZ Datasheet HTML 4Page - STMicroelectronics STGP35N35LZ Datasheet HTML 5Page - STMicroelectronics STGP35N35LZ Datasheet HTML 6Page - STMicroelectronics STGP35N35LZ Datasheet HTML 7Page - STMicroelectronics STGP35N35LZ Datasheet HTML 8Page - STMicroelectronics STGP35N35LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID12253 Rev 6
5/18
STGB35N35LZ, STGP35N35LZ
Electrical characteristics
18
Table 6. Functional characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
U.I.S.
Functional test open
secondary coil
R
G
= 0, T
j
= 150 °C, V
CC
= 50 V,
V
GE
= 5 V, L=1.6 mH
18
-
-
A
Table 7. Switching time
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
t
r
Resistive load
Turn-on delay time
Rise time
V
CC
= 14 V,
R
L
= 1
Ω, V
GE
= 5 V
-
1.1
7
-
μs
μs
μs
td(on)
t
r
Resistive load
Turn-on delay time
Rise time
V
CC
= 14 V,
R
L
= 1
Ω, V
GE
= 5 V
T
j
= 150 °C
-
1
6.6
-
μs
μs
μs
t
d(off)
t
f
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
V
CC
= 300 V, L = 1 mH
I
C
= 15 A, V
GE
= 5 V
-
26.5
5.5
70
-
μs
μs
V/μs
t
d(off)
t
f
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
V
CC
= 300 V, L = 1 mH
I
C
= 15 A, V
GE
= 5 V
T
j
= 150 °C
-
28
9
65
-
μs
μs
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com