Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 17Page - Texas Instruments LM3556 Datasheet HTML 18Page - Texas Instruments LM3556 Datasheet HTML 19Page - Texas Instruments LM3556 Datasheet HTML 20Page - Texas Instruments LM3556 Datasheet HTML 21Page - Texas Instruments LM3556 Datasheet HTML 22Page - Texas Instruments LM3556 Datasheet HTML 23Page - Texas Instruments LM3556 Datasheet HTML 24Page - Texas Instruments LM3556 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
Configuration Register (0x07)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Strobe Pin
Torch Pin
TX Pin
TX Event Level
IVFM Enable
NTC Mode
Indicator Mode
Strobe Usage
Polarity
Polarity
Polarity
0 = Off
0 = Disabled
0 = Normal
0 = Internal
0 = Edge
0 = Active Low
0 = Active Low
0 = Active Low
1 = Torch Current
(default)
(default)
(default)
(default)
1 = Active
1 = Active
1 = Active
(default)
1 = Enabled
1 = Monitor
1 = External
1 = Level
High (default)
High (default)
High (default)
Strobe Usage Level or Edge. Flash will follow Strobe timing if Level and internal timing if Edge.
Strobe Polarity Active High or Active Low Select.
Torch Polarity Active High or Active Low Select.
TX Polarity Active High or Active Low Select.
TX Event Level Transition to Torch Current Level or Off if TX event occurs.
The TX Event Level "Off" setting is designed to only force a shutdown during a flash event. When Torch or
Indicator Mode is enabled, and a TX event occurs with the TX Event Level set to "Off", the LM3556 does
not shut down. The TX flag bit (bit7 in the Flags Register (0x0B)) will be set, and the mode bits (bit0 and
bit1 in Enable Register (0x0A)) get locked out until the fault register is cleared via an I2C read. Because a
TX event is periodic and frequently occurring, clearing the fault register becomes more difficult. Depending
on the I2C read/write speed and TX event frequency, it may be necessary to set the TX enable bit (bit6 in
the Enable Register (0x0A)) to a '0' before clearing the fault register to prevent future flag sets.
IVFM Enable Enables Input Voltage Flash Monitoring.
NTC Mode Monitor Mode (Report Only) or Normal Mode (Reduce Current or Shutdown).
Indicator Mode Externally generated via TORCH Pin or internally generated PWM.
Flash Features Register (0x08)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Inductor Current Limit
Flash Ramp Time
Flash Time-Out Time
00 =1.7A
000 = 256 µs
000 = 100 ms
01 = 1.9A
001 = 512 µs
001 = 200 ms
10 = 2.5A
010 = 1.024 ms (default)
010 = 300 ms (default)
11 = 3.1A (default)
011 = 2.048 ms
011 = 400 ms
100 = 4.096 ms
100 = 500 ms
101 = 8.192 ms
101 = 600 ms
110 = 16.384 ms
110 = 700 ms
111 = 32.768 ms
111 = 800 ms
Current Control Register (0x09)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
Torch Current
Flash Current
000 = 46.88 mA (default)
0000 = 93.75 mA
001 =93.75 mA
0001 = 187.5 mA
010 =140.63 mA
0010 = 281.25 mA
011 = 187.5 mA
0011 = 375 mA
100 =234.38 mA
0100 = 468.75 mA
101 = 281.25 mA
0101 = 562.5mA
110 = 328.13 mA
0110 = 656.25 mA
111 =375 mA
0111 = 750 mA
1000 = 843.75 mA
1001 = 937.5 mA
1010 = 1031.25 mA
1011 = 1125 mA
1100 = 1218.75 mA
1101 = 1312.5 mA
1110 = 1406.25 mA
1111 = 1500 mA (default)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com