Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3556
Description  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments LM3556 Datasheet HTML 15Page - Texas Instruments LM3556 Datasheet HTML 16Page - Texas Instruments LM3556 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
Torch Mode
In Torch Mode, the current source (LED) is programmed via the Current Control Register (0x09). Torch Mode is
activated by the Enable Register (0x0A) or by the hardware TORCH input. Once the Torch Mode is enabled the
current source will ramp up to the programmed Torch current level. The Ramp-Up and Ramp-Down times are
independently adjustable via the Torch Ramp Time Register (0x06). Torch Mode is not affected by Flash
Timeout.
Indicator Mode
This mode has two options: the Internal Indicator Mode and the External Indicator Mode. Both these modes are
activated by the Configuration Register (0x07) in addition to the Enable Register (0x0A).
In the Internal Indicator Mode, the current source (LED) can be programmed to 8 different intensity levels, with
current values being 1/8th the values in Current Control Register (0x09) bits [6:4]. The Ramp-Up, Ramp-Down,
the pulse time, number of Blanks and Periods of the desired output current can be independently controlled via
the Indicator Ramp Time Indicator (0x03), Indicator Blinking Register (0x04) and the Indicator Period Count
Register (0x05).
In the External Indicator Mode, the current source (LED) is controlled via the TORCH pin. An external PWM
signal can be input to the part via the TORCH pin to choose any one of the 8 available intensity settings (Bits
[6:4] of the Current Control Register (0x09)) for the current source (LED).
Power Amplifier Synchronization (TX)
The TX pin is a Power Amplifier Synchronization input. This is designed to reduce the flash LED current and thus
limit the battery current during high battery current conditions such as PA transmit events. When the LM3556 is
engaged in a Flash event, and the TX pin is pulled high, the LED current is forced into Torch Mode at the
programmed Torch current setting or shutdown. If the TX pin is then pulled low before the Flash pulse
terminates, the LED current will return to the previous Flash current level. At the end of the Flash time-out,
whether the TX pin is high or low, the LED current will turn off. The polarity of the TX input can be changed from
active high to active low through the Configuration Register (0x07) and can be disabled/enabled by setting the
TX Enable bit in the Enable Register (0x0A) to a ‘0’.
Input Voltage Flash Monitor (IVFM)
The LM3556 has the ability to adjust the flash current based upon the voltage level present at the IN pin utilizing
an Input Voltage Flash Monitor. Two adjustable thresholds (IVM-D and IVM-U) ranging from 2.9V to 3.6V in 100
mV steps, and four different usage modes (Report Mode, Stop and Hold, Adjust Down Only, Adjust Up and
Down), are provided. The Flags register has the fault flag set when the input voltage crosses the IVM-D value. In
the Report Mode, apart from the fault flag triggering, no action is taken on the LED current. Additionally, the IVM-
D threshold sets the input voltage boundary that forces the LM3556 to either stop ramping the flash current
during startup (Stop and Hold Mode) or to start decreasing the LED current during the flash (Adjust Down Only
and Adjust Down and Up). The IVM-U threshold sets the input voltage boundary that forces the LM3556 to start
ramping the flash current back up towards the target (Adjust Up and Down Mode). The IVM-U threshold is equal
to the IVM-D value plus the programmed hysteresis value also stored in the Input Voltage Flash Monitor (IVFM)
Mode Register (0x01).
To help prevent a premature current reduction, the LM3556 has four different filter timers that start once the input
voltage decreases below the IVM-D line. These filter times are set in the Silicon Revision and Filter Time
Register (0x00). For more information, please refer to the Input Voltage Flash Monitor (IVFM) Mode Register
(0x01) and Configuration Register (0x07) sections of this datasheet.
Fault Protections
Fault Operation
Upon entering a fault condition, the LM3556 will set the appropriate flag in the Flags Register (0x0B), placing the
part into standby by clearing and locking the Torch Enable bit (TEN), Pre-Charge bit and Mode Bits (M1, M0) in
the Enable Register (0x0A), until the Flags Register (0x0B) is read back via I2C.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com