Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7527F Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # PPC-7527F
Description  Fanless and Low Power 15"/17" Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7527F Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  PPC-7527F Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7527F Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PPC7525F/7527F
Fanless and Low Power
15"/17" Panel PC
No. 24, Lane 365, Yang Guang St., Nei Hu
District, Taipei 114, Taiwan
Tel: +886-2-8751-1111
Fax: +886-2-8751-1199
Email: sales@protech.com.tw
http://www.protech.com.tw
Totally fanless and quite design
Supports Intel® Celeron® M ULV
1.0GHz CPU
Intel® 910GMLE Chipset
Low power consumption and
economical solution
High speed Gigabit LAN
On-board IDE interface, Type II
Compact Flash slot
Optional slim CD-ROM drive
Optional PCI Expansion slot (1 or 3
1.0 GHz slots)
Features and Benefits:
PPC
PROTECH SYSTEMS
It's the right choice
F n
less
a
Compliant


Similar Part No. - PPC-7527F

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PPC-7527 PROTECHSYSTEMS-PPC-7527 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
More results

Similar Description - PPC-7527F

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PPC-7365F PROTECHSYSTEMS-PPC-7365F Datasheet
744Kb / 2P
Fanless and Low Power Panel PC
PPC-7505F PROTECHSYSTEMS-PPC-7505F Datasheet
655Kb / 2P
Fanless and Low Power Panel PC
PPC-7507F PROTECHSYSTEMS-PPC-7507F Datasheet
302Kb / 2P
Fanless and Low Power Panel PC
PPC-7508F PROTECHSYSTEMS-PPC-7508F Datasheet
753Kb / 2P
Fanless and Low Power Panel PC
PPC-7525 PROTECHSYSTEMS-PPC-7525 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
PPC-7525F PROTECHSYSTEMS-PPC-7525F Datasheet
443Kb / 2P
Fanless and Low Power 15"/17" Panel PC
PPC-7527 PROTECHSYSTEMS-PPC-7527 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
SP-792X PROTECHSYSTEMS-SP-792X Datasheet
898Kb / 2P
Fanless and Low Power 19"/ 17"/ 15" Intel짰 Atom??D2550 Panel PC
SP-7925 PROTECHSYSTEMS-SP-7925 Datasheet
908Kb / 2P
Fanless and Low Power 19"/ 17"/ 15" Intel Atom??D2550 Panel PC
SP-7929 PROTECHSYSTEMS-SP-7929 Datasheet
908Kb / 2P
Fanless and Low Power 19"/ 17"/ 15" Intel Atom??D2550 Panel PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com