Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7527F Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PPC-7527F
Description  Fanless and Low Power 15"/17" Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7527F Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PPC-7527F Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7527F Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fanless and Low Power
15"/17" Panel PC
Front View
Rear View
PPC-7525F/7527F
w w w . p r o t e c h . c o m . t w
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2009.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2009.
Side View
Intel® Celeron® M ULV 1.0 GHz CPU on board
Intel® 910GMLE + ICH6M
1 x 200-pin DDR2 SO-DIMM, 512MB DDR2
SO-DIMM (up to 2GB)
Aluminum
DC 24V in 80W power supply
1 x 2.5" SATA HDD, 1 x IDE CF slot on
board, 1 x slim CD-ROM
Windows XP/XPE/CE.net, Linux Redhat 8.0/9.0
PPC-7525F:
400 x 300 x 109.9mm (15.75" x 11.81" x 4.33")
PPC-7527F:
440 x 344 x 117.3mm (17.32" x 13.54" x 4.60")
PPC-7525F: 9Kg
PPC-7527F: 10.5Kg
75mm /100mm VESA bracket (optional)
CE / FCC
2 x USB2.0
1 x PS/2 port ( KB/MS for Y-cable)
1 x Line-in, 1 x Line-out, 1 x Mic-in
3 x COM port (COM 1 & COM 3 for RS-232,
COM 2 for RS232/RS422/RS485 selectable, All
COM port support +5V/+12V selectable)
1 x parallel port (SPP/EPP/ECP, share with
Digital I/O )
4 in / 4 out (share with parallel port)
System
CPU Support
Chipset
Memory Support
Front Bezel
Power Supply
Drive Bay
O.S. Support
Dimension (WxHxD)
System Weight
VESA Mounting Support
Certificate
I/O Ports
USB
KB / Mouse
Audio
Serial Port
Parallel Port
Digital I/O
Specification
Systems
2 x LAN (1 x 10/100, 1 x 10/100/1000)
1 x DB-15 VGA Interface
VR on rear panel
1 x PCI or 3 x PCI slot (optionl)
15" / 17" TFT LCD
1024 x 768 (15") / 1280 x 1024 (17")
350 cd/m (15") / 300 cd/m (17")
7W Analog resistive (USB interface)
0 ~ 40 C
-20 ~ 60 C
20% ~ 90%
LAN
VGA
Brightness Control
Expansion Slots
Display
LCD
Max. Resolution
Brighness
Touch Screen
Environment
Operating Temp.
Storage Temp.
Humidity
PROTECH SYSTEMS
It's the right choice
2
2
2
2
109.9 (15") / 117.3 (17")
102.2 (15") / 109.6 (17")
400 (15") / 440 (17")
10 ( 15" / 17")
Fanless Panel PC with 15" LCD, Intel®
Celeron® M ULV 1.0GHz CPU board, resistive
touchscreen, 24V 80W DC power supply
Fanless Panel PC with 17" LCD, Intel®
Celeron® M ULV 1.0GHz CPU board, resistive
touchscreen, 24V 80W DC power supply
1 x PCI riser card for PPC7525F / 7527F
3 x PCI riser card for PPC7525F / 7527F
120W, 24Vdc output power adapter
VESA bracket
PPC-7525F
PPC-7527F
PPC-7500-1P
PPC-7500-3P
EFSP120-ACB
PPC-VESAKIT
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com