Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7528F Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # PPC-7528F
Description  Fanless and Low Power 8.4" Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7528F Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  PPC-7528F Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7528F Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PPC-7528F
Fanless and Low Power
8.4" Panel PC
Intel® Celeron® M ULV 1.0GHz CPU on
board
Supports Intel® 910GMLE + ICH6M
chipset
Totally fanless and quiet design
Low power consumption and
economical solution
On-board IDE interface, Type II
Compact flash slot
Compact size with high performance
High precision touch screen
Features and Benefits:
PPC
F nless
a
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - PPC-7528F

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PPC-7525 PROTECHSYSTEMS-PPC-7525 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
PPC-7525F PROTECHSYSTEMS-PPC-7525F Datasheet
443Kb / 2P
Fanless and Low Power 15"/17" Panel PC
PPC-7527 PROTECHSYSTEMS-PPC-7527 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
PPC-7527F PROTECHSYSTEMS-PPC-7527F Datasheet
443Kb / 2P
Fanless and Low Power 15"/17" Panel PC
More results

Similar Description - PPC-7528F

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PPC-7365F PROTECHSYSTEMS-PPC-7365F Datasheet
744Kb / 2P
Fanless and Low Power Panel PC
PPC-7505F PROTECHSYSTEMS-PPC-7505F Datasheet
655Kb / 2P
Fanless and Low Power Panel PC
PPC-7507F PROTECHSYSTEMS-PPC-7507F Datasheet
302Kb / 2P
Fanless and Low Power Panel PC
PPC-7508F PROTECHSYSTEMS-PPC-7508F Datasheet
753Kb / 2P
Fanless and Low Power Panel PC
PPC-7525F PROTECHSYSTEMS-PPC-7525F Datasheet
443Kb / 2P
Fanless and Low Power 15"/17" Panel PC
PPC-7527F PROTECHSYSTEMS-PPC-7527F Datasheet
443Kb / 2P
Fanless and Low Power 15"/17" Panel PC
PPC-7915F PROTECHSYSTEMS-PPC-7915F Datasheet
246Kb / 2P
Fanless and Low Power Atom N270 Panel PC
PPC-7917F PROTECHSYSTEMS-PPC-7917F Datasheet
246Kb / 2P
Fanless and Low Power Atom N270 Panel PC
PPC-7919F PROTECHSYSTEMS-PPC-7919F Datasheet
246Kb / 2P
Fanless and Low Power Atom N270 Panel PC
SP-6112 PROTECHSYSTEMS-SP-6112 Datasheet
561Kb / 2P
Fanless and Low Power 8.4" / 10.4" / 12.1" Intel Queensbay processor Panel PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com