Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-7528F Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PPC-7528F
Description  Fanless and Low Power 8.4" Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PPC-7528F Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PPC-7528F Datasheet HTML 1Page - Protech Systems Co., Ltd. PPC-7528F Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fanless and Low Power 8.4" Panel PC
Front View
Rear View
PPC-7528F
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Dec. 2012.
Side View
PROTECH SYSTEMS
It's the right choice
CPU Type
Intel® Celeron® M ULV 1.0GHz on board
Chipset
Intel® 910GMLE + ICH6M
Memory Support
1 x 200pin DDR2 SO-DIMM, up to 2GB
Front Bezel
Aluminum
IP65
Yes (for front panel only)
Power Supply
DC 24Vin 60W power supply
O.S. Support
Windows XP / XPE
System Weight
VESA Mounting Support
5 kg (11.02lb)
Dimension
247 x 185 x 82 mm (9.73" x 7.3" x 3.23")
75 mm
Certificate
FCC / CE / UL
USB
2 x USB 2.0
Keyboard / Mouse
1 x PS/2 port ( KB/MS for Y-cable)
Audio
Line-in / Line-out / Mic in
Parallel Port
1 x Parallel port (SPP / EPP / ECP, share with Digital I/O)
Serial Port
2 x COM port (COM 1 for RS-232, COM 2 for RS232/
RS422/RS485 selectable, All COM ports support +5V/
+12V selectable)
Digital I/O
4 in / 4 out (share with Parallel port)
LAN
1 x LAN (1 x 10/100/1000 Mbps)
Brightness Control
VR on rear panel
Drive Bay
1 x 2.5" SATA HDD, 1 x IDE CF slot on board
LCD
AUO 8.4" SVGA TFT LCD (refer selection guide for
detail)
Touchscreen
Resistive Type 4-wire
Operation Temp.
0° ~ 40°C (32° ~ 104°F)
Storage Temp.
-20° ~ 80° C ( -4°~176° F )
Humidity
20% ~ 90%
SP-7528RA-F0B
8.4" fanless LCD panel PC, Intel® Celeron® M ULV
1GHz (w/o L2 cache CPU board, resistive touch
screen, DC 60W power supply)
52-002-01885102
120W, 24Vdc output power adaptor
System
Specification
Systems
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com