Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DIPFP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 29Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 31Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 32Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 33Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 34Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 35Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 36Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
LLC Service Request
Each cell represents one clock sample period, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
The PHY initiates a transmit operation after winning control of the serial bus following a bus request by the LLC.
The transmit operation is initiated when the PHY grants control of the interface to the LLC.
Table 13 and Table 14 show the encoding of the CTL0–CTL1 bus.
Table 13. CTL Encoding When PHY Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
No activity (this is the default mode)
0
1
Status
Status information is being sent from the PHY to the LLC.
1
0
Receive
An incoming packet is being sent from the PHY to the LLC.
1
1
Grant
The LLC has been given control of the bus to send an outgoing packet.
Table 14. CTL Encoding When LLC Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
The LLC releases the bus (transmission has been completed).
1
Hold
The LLC is holding the bus while data is being prepared for transmission or indicating that another packet
0
is to be transmitted (concatenated) without arbitrating.
1
0
Transmit
An outgoing packet is being sent from the LLC to the PHY.
1
1
Reserved
None
To request access to the bus, to read or write a PHY register, or to control arbitration acceleration, the LLC
sends a serial bit stream on the LREQ terminal as shown in Figure 13.
Figure 13. LREQ Request Stream
The length of the stream varies depending on the type of request as shown in Table 15.
Table 15. Request Stream Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
7 or 8
Read register request
9
Write register request
17
Acceleration control request
6
Regardless of the type of request, a start bit of 1 is required at the beginning of the stream, and a stop bit of 0 is
required at the end of the stream. The second through fourth bits of the request stream indicate the type of the
request. In the following descriptions, bit 0 is the most significant and is transmitted first in the request bit stream.
The LREQ terminal is normally low.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com