Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41BA3DIPFP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 41Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 42Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 43Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 44Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 45Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 46Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 47Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 48Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
LLC Service Request
Each cell represents one clock sample period, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
The PHY initiates a transmit operation after winning control of the serial bus following a bus request by the LLC.
The transmit operation is initiated when the PHY grants control of the interface to the LLC.
Table 25 and Table 26 show the encoding of the CTL0–CTL1 bus.
Table 25. CTL Encoding When PHY Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
No activity (this is the default mode)
0
1
Status
Status information is being sent from the PHY to the LLC.
1
0
Receive
An incoming packet is being sent from the PHY to the LLC.
1
1
Grant
The LLC has been given control of the bus to send an outgoing packet.
Table 26. CTL Encoding When LLC Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
The LLC releases the bus (transmission has been completed).
0
1
Transmit
An outgoing packet is being sent from the LLC to the PHY.
1
0
Reserved
Reserved
1
1
Holation
The LLC is holding the bus while data is being prepared for transmission, or the LLC is sending a
request to arbitrate for access to the bus, or the LLC is identifying the end of a subaction gap to the
PHY.
To request access to the bus, to read or write a PHY register, or to send a link notification to PHY, the LLC
sends a serial bit stream on the LREQ terminal as shown in Figure 23.
Figure 23. LREQ Request Stream
The length of the stream varies depending on the type of request as shown in Table 27.
Table 27. Request Stream Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
11
Read register request
10
Write register request
18
Link notification request
6
PHY-link interface reset request
6
Regardless of the type of request, a start bit of 1 is required at the beginning of the stream and a stop bit of 0 is
required at the end of the stream. The second through fifth bits of the request stream indicate the type of the
request. In the following descriptions, bit LR1 is the most significant and is transmitted first in the request bit
stream. The LREQ terminal is normally low.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com