Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCA-ROD Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # RCA-ROD
Description  Radio Adjustable Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

RCA-ROD Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  RCA-ROD Datasheet HTML 1Page - PREMO CORPORATION S.L RCA-ROD Datasheet HTML 2Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RCA
RCA
RCA
RCA –
––
– ROD
ROD
ROD
ROD
Radio Adjustable Antenna
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas. Málaga (Spain) Phone +34 951 231 320 Fax +34 951 231 321
E-mail: info@grupopremo.com
Web http://www.grupopremo.com
Adjustable
Adjustable
Adjustable
Adjustable Antenna
Antenna
Antenna
Antenna
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
1
1. Configuration & Dimensions
2. Materials
Core: Ferrite core.
Insulation tape: Standard polypropylene tape.
Wire: Selfbonding copper wire.
Adhesives: Standard cyanoacrylate adhesive and 3M DP190.
Capacitor: Metallized capacitor in PCM 5mm.
Cable connections: Standard stranded copper wire with PVC external insulation.
All dimensions in mm


Similar Part No. - RCA-ROD

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RCA-1 ADAM-TECH-RCA-1 Datasheet
113Kb / 1P
RCA JACKS SINGLE, METAL & PLASTIC BODIES
RCA-1-1-X-G ADAM-TECH-RCA-1-1-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-1-1-Y ADAM-TECH-RCA-1-1-Y Datasheet
113Kb / 1P
RCA JACKS SINGLE, METAL & PLASTIC BODIES
RCA-1-X-X-G ADAM-TECH-RCA-1-X-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-10-4-BRGY ADAM-TECH-RCA-10-4-BRGY Datasheet
81Kb / 1P
RCA JACK 4 PORTS
More results

Similar Description - RCA-ROD

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
ACL100B SUMIDA-ACL100B Datasheet
166Kb / 1P
Radio Control Clock Antenna
ACL80B SUMIDA-ACL80B Datasheet
63Kb / 2P
Radio Control Clock Antenna
ACL80A SUMIDA-ACL80A Datasheet
183Kb / 1P
Radio Control Clock Antenna
ACL27J SUMIDA-ACL27J Datasheet
166Kb / 1P
Radio Control Clock Antenna
ACL27 SUMIDA-ACL27 Datasheet
25Kb / 1P
Radio Control Clock Antenna
ACL25 SUMIDA-ACL25 Datasheet
26Kb / 1P
Radio Control Clock Antenna
ACL25 SUMIDA-ACL25_16 Datasheet
132Kb / 1P
Radio Control Clock Antenna
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXL LSTD-EXL Datasheet
199Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com