Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCA-ROD Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # RCA-ROD
Description  Radio Adjustable Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

RCA-ROD Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  RCA-ROD Datasheet HTML 1Page - PREMO CORPORATION S.L RCA-ROD Datasheet HTML 2Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RCA
RCA
RCA
RCA –
––
– ROD
ROD
ROD
ROD
Radio Adjustable Antenna
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas. Málaga (Spain) Phone +34 951 231 320 Fax +34 951 231 321
E-mail: info@grupopremo.com
Web http://www.grupopremo.com
Adjustable
Adjustable
Adjustable
Adjustable Antenna
Antenna
Antenna
Antenna
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
3. Applications
This radio receiver antenna is configured as L-C resonant parallel tank. The module is formed by a
ferrite rod core wound with a capacitor joined, and cable connections.
RCA-ROD-60A / 77A
Radio Clock Application.
RCA-ROD-129 / 135 / 139
Ripple Control Application.
4. Nomenclature description
5. Electrical Characteristics
RCA
RCA
RCA
RCA ---- ROD
ROD
ROD
ROD
Code
Cres (nF)
Tuning Freq.
(kHz)
Z
(K )
nom.
Induced voltage
(Vpp)
RCA-ROD-60A
3.3 ± 5%
60.0 ± 0.2kHz
>75
>10
RCA-ROD-77A
3.3 ± 5%
77.5 ± 0.2kHz
>55
>10
RCA-ROD-129
2.2 ± 5%
129.1 ± 0.5kHz
>35
>10
RCA-ROD-135
2.2 ± 5%
135.6 ± 0.5kHz
>40
>10
RCA-ROD-139
2.2 ± 5%
139.0 ± 0.5kHz
>40
>10
Please contact our sales department for any inquiry.
Voltage induced with a magnetic field of H=0.598 App/m. Contact us for measurement specification.
Working freq.:
60A
60.0 kHz
77A
77.5 kHz
129
129.1 kHz
135
135.6 kHz
139
139.0 kHz
RCA - ROD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com