Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2115D Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2115D
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2115D Datasheet(HTML) 3 Page - New Japan Radio

  NJM2115D Datasheet HTML 1Page - New Japan Radio NJM2115D Datasheet HTML 2Page - New Japan Radio NJM2115D Datasheet HTML 3Page - New Japan Radio NJM2115D Datasheet HTML 4Page - New Japan Radio NJM2115D Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NJM2115
- 3 -
Ver.2013-02-12
■ TYPICAL CHARACTERISTICS
Operating Current vs. Operating Voltage
(Ta=25ºC)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
±2
±4
±6
±8
Operating VoltageV
+/V-(V)
Maximum Output Voltage Swing
vs.Operating Voltage
(RL=2.5kΩ, Ta=25ºC)
-8
-6
-4
-2
0
2
4
0
±2
±4
±6
±8
Operating Voltage V
+/V-(V)
+
VOM
-VOM
Input Bias Current vs.Operating Voltage
(Ta=25ºC)
0
20
40
60
80
100
120
0
±2
±4
±6
±8
Supply Voltage V
+/V-(V)
Input Offset Voltage vs. Operating Voltage
(Ta=25ºC, RS=10kΩ)
-3
-2
-1
0
1
2
3
0
±2
±4
±6
±8
Operating Voltage V
+/V-(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com