Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2115D Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2115D
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2115D Datasheet(HTML) 4 Page - New Japan Radio

  NJM2115D Datasheet HTML 1Page - New Japan Radio NJM2115D Datasheet HTML 2Page - New Japan Radio NJM2115D Datasheet HTML 3Page - New Japan Radio NJM2115D Datasheet HTML 4Page - New Japan Radio NJM2115D Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJM2115
- 4 -
Ver.2013-02-12
■ TYPICAL CHARACTERISTICS
Voltage gain, Phase vs. Frequency
(V
+/V-=±2.5V, Ta=25ºC)
0
20
40
60
80
100
120
10
1k
100k
10M
Frequency f(Hz)
Voltage Gain,Phase vs. Frequency
(Ta=25ºC, V
+/V-=2.5V)
0
10
20
30
40
50
60
1k
10k
100k
1M
10M
Frequency f (Hz)
-200
-160
-120
-80
-40
0
40
Av
φ
2.5k
Vo
100k
1k
1k
Total Harmonic Distortion vs.
Output Voltage
(V
+/V-=±3V, R
L=2.4kΩ, Gain=10dB, Ta=25ºC)
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Voltage Vo (Vrms)
20Hz
1kHz
20kHz
Equivalent Input Noise Voltage
vs.Source Resistance
(V
+/V-=±3V, Ta=25ºC)
0.1
1
10
1
10
100
1k
10k
Source Resistance Rg (Ω)
100k
100
Rg
Maximum Output Voltage Swing vs Frequency
(V
+/V-=±2.5V, R
L=2.5kΩ, Ta=25ºC)
0
1
2
3
4
100
1k
10k
100k
1M
Frequency f (Hz)
Maximum Output Voltagevs.Load Resistance
(V
+/V-=±2.5V, Ta=25ºC)
-3
-2
-1
0
1
2
3
100
1k
10k
100k
Load Resistance RL (Ω)
+
VOM
-VOM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com