Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0145B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0145B
Description  ULTRA FAST LOW VF CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0145B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0145B Datasheet HTML 1Page - Solid States Devices, Inc RC0145B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0145B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR60F080CT
thru
SDR60U120CT Series
Electrical Characteristics (per leg)
Symbol
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 sec pulse)
IF = 10Adc
IF = 20Adc
IF = 50Adc
IF = 100Adc
VF1
1.65
1.75
1.90
2.10
1.80
1.90
2.15
2.50
Volts
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300 sec pulse)
IF = 10Adc
IF = 20Adc
IF = 50Adc
IF = 100Adc
VF2
1.75
1.80
1.95
2.10
––
1.95
2.25
––
Volts
Instantaneous Forward Voltage Drop
(TA = 125ºC, 300 sec pulse)
IF = 10Adc
IF = 20Adc
IF = 50Adc
IF = 100Adc
VF3
1.75
1.30
1.65
1.95
––
1.5
1.95
––
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 sec pulse minimum)
IR1
50
250
A
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 sec pulse minimum)
IR2
3
––
mA
Reverse Leakage Current
(Rated VR, TA = 125ºC, 300 sec pulse minimum)
IR3
10
25
mA
Reverse Leakage Current
(Rated VR, TA = 150ºC, 300 sec pulse minimum)
IR4
25
––
mA
Junction Capacitance
(VR = 5 Vdc, TA = 25ºC, f = 1MHz)
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
100
85
––
150
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A)
TA = 25ºC
TA = 100ºC
trr
40
120
55
––
nsec
Case Outline: TO-258
Case Outline: TO-259
Note 1: Pin 2&3 connected together
PIN ASSIGNMENT
Code
Function
Pin 1
Pin 2
Pin 3
CT
Common Cathode
Anode
Cathode
Anode
CA
Common Anode
Cathode
Anode
Cathode
D
Doubler
Cathode
Anode / Cathode
Anode
DR
Doubler Reverse
Anode
Cathode / Anode
Cathode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com