Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0145B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0145B
Description  ULTRA FAST LOW VF CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0145B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0145B Datasheet HTML 1Page - Solid States Devices, Inc RC0145B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0145B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDR60 ___ ___ ___ ___ ___
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
└
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
N = TO-258
P = TO-259
Configuration
CT = Common Cathode
CA = Common Anode
D = Doubler
DR = Doubler Reverse
Voltage/Family
080 = 800V
090 = 900V
100 = 1000V
110 = 1100V
120 = 1200V
Recovery Time
U = Ultra Fast
SDR60U080CT
thru
SDR60U120CT
Series
60 AMP
ULTRA FAST LOW VF
CENTERTAP RECTIFIER
800 -1200 Volts
55 nsec
Features:
 Ultra Fast Recovery: 40 nsec typical
 High Surge Rating
 Low Reverse Leakage Current
 Low Forward Voltage Drop
 Low Junction Capacitance
 Hermetically Sealed Package
 Gold Eutectic Die Attach available
 Ultrasonic Aluminum Wire Bonds
 Ceramic Seals for improved hermeticity available
 Available in Centertap and Doubler versions
TX, TXV, Space Level Screening Available Consult
Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR60U080
SDR60U090
SDR60U100
SDR60U110
SDR60U120
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
3/4/
Io
60
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
3/
IFSM
400
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case, each individual diode
Junction to Case
3/
RθJE
1.0
0.75
ºC/W
TO-258 (N)
TO-259 (P)
1/ For ordering information, price, operating curves, and availability - Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Both legs tied together.
4/ Package limited.


Similar Part No. - RC0145B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0145B SSDI-RC0145B_15 Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
More results

Similar Description - RC0145B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR60U080CT SSDI-SDR60U080CT Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
SDR55U080CT SSDI-SDR55U080CT Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1_1 Datasheet
81Kb / 2P
Ultra Fast Centertap Rectifier
RU0119D SSDI-RU0119D Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
RC0145B SSDI-RC0145B_15 Datasheet
97Kb / 2P
ULTRA FAST LOW VF CENTERTAP RECTIFIER
RU0089F SSDI-RU0089F_15 Datasheet
135Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
RU0101 SSDI-RU0101_15 Datasheet
233Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0103 SSDI-RU0103_15 Datasheet
215Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0105 SSDI-RU0105_15 Datasheet
210Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0119D SSDI-RU0119D_15 Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com