Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3312 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF3312
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3312 Datasheet(HTML) 3 Page - Texas Instruments

  REF3312 Datasheet HTML 1Page - Texas Instruments REF3312 Datasheet HTML 2Page - Texas Instruments REF3312 Datasheet HTML 3Page - Texas Instruments REF3312 Datasheet HTML 4Page - Texas Instruments REF3312 Datasheet HTML 5Page - Texas Instruments REF3312 Datasheet HTML 6Page - Texas Instruments REF3312 Datasheet HTML 7Page - Texas Instruments REF3312 Datasheet HTML 8Page - Texas Instruments REF3312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TLV3691
www.ti.com
SBOS694 – DECEMBER 2013
ELECTRICAL CHARACTERISTICS: VS = +0.9 V to +6.5 V
At TA = +25°C, VS = +0.9 V to +6.5 V, VCM = VS/2 and CL = 15 pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
±3
±15
mV
VOS
Input offset voltage
TA = –40°C to +125°C
±22
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
±70
µV/°C
PSRR
Power-supply rejection ratio
TA = –40°C to +125°C
2000
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = –40°C to +125°C
(V–) – 0.1
(V+) + 0.1
V
Hysteresis
±17
mV
INPUT BIAS CURRENT
30
100
pA
IB
Input bias current
TA = –40°C to +125°C
20
nA
IOS
Input offset current
8
pA
CLOAD
Capacitive load drive
See Typical Characteristics
OUTPUT
IO = 2.5 mA, input overdrive ≥ 50 mV,
155
165
mV
VS = 6.5 V
IO = 2.5 mA, input overdrive ≥ 50 mV,
220
mV
VS = 6.5 V, TA = –40°C to +125°C
IO ≤ 100 µA, input overdrive ≥ 50 mV,
6
10
mV
VS = 6.5 V
VOH
Voltage output swing from upper rail
IO ≤ 100 µA, input overdrive ≥ 50 mV,
20
mV
VS = 6.5 V, TA = –40°C to +125°C
IO ≤ 100 µA, input overdrive ≥ 50 mV,
70
75
mV
VS = 0.9 V
IO ≤ 100 µA, input overdrive ≥ 50 mV,
80
mV
VS = 0.9 V, TA = –40°C to +125°C
IO = 2.5 mA, input overdrive ≥ 50 mV,
155
165
mV
VS = 6.5 V
IO = 2.5 mA, input overdrive ≥ 50 mV,
220
mV
VS = 6.5 V, TA = –40°C to +125°C
IO ≤ 100 µA, input overdrive ≥ 50 mV,
6
10
mV
VS = 6.5 V
VOL
Voltage output swing from lower rail
IO ≤ 100 µA, input overdrive ≥ 50 mV,
20
mV
VS = 6.5 V, TA = –40°C to +125°C
IO ≤ 100 µA, input overdrive ≥ 50 mV,
35
40
mV
VS = 0.9 V
IO ≤ 100 µA, input overdrive ≥ 50 mV,
45
mV
VS = 0.9 V, TA = –40°C to +125°C
VS = 6.5 V, see
Short circuit sink current
42
mA
Typical Characteristics
ISC
VS = 6.5 V, see
Short circuit source current
35
mA
Typical Characteristics
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com